Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6699 Datasheet(PDF) 10 Page - Exar Corporation

Part # SP6699
Description  27V Step Up White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6699 Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP6699 Datasheet HTML 4Page - Exar Corporation SP6699 Datasheet HTML 5Page - Exar Corporation SP6699 Datasheet HTML 6Page - Exar Corporation SP6699 Datasheet HTML 7Page - Exar Corporation SP6699 Datasheet HTML 8Page - Exar Corporation SP6699 Datasheet HTML 9Page - Exar Corporation SP6699 Datasheet HTML 10Page - Exar Corporation SP6699 Datasheet HTML 11Page - Exar Corporation SP6699 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
S
SP
P6
66
69
99
9
2
27
7V
V S
Stte
ep
p U
Up
p W
Wh
hiitte
e L
LE
ED
D D
Drriiv
ve
err
© 2011 Exar Corporation
10/12
Rev. 2.1.0
TYPICAL APPLICATION CIRCUITS
4 White LEDs Driver
C: X5R or X7R Dielectric
L: Sumida CDRH5D28R-100NC or equivalent
For use over the full operating temperature range
5 White LEDs Driver
C: X5R or X7R Dielectric
L: Sumida CDRH5D28R-220NC or equivalent
For use over the full operating temperature range


Similar Part No. - SP6699

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6699EK-L-TR EXAR-SP6699EK-L-TR Datasheet
569Kb / 13P
   27V Step Up White LED Driver
More results

Similar Description - SP6699

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6699EK-L-TR EXAR-SP6699EK-L-TR Datasheet
569Kb / 13P
   27V Step Up White LED Driver
logo
STMicroelectronics
STLED25 STMICROELECTRONICS-STLED25 Datasheet
2Mb / 30P
   5 channels step-up white LED driver
May 2012 Rev 3
logo
Silicon Touch Technolog...
PC112 SITI-PC112 Datasheet
380Kb / 14P
   Step Up Converter for White LED Driver
logo
Monolithic Power System...
MP3389 MPS-MP3389 Datasheet
391Kb / 16P
   12?밪tring, Step-up White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
   Step-Up DC-DC Converter, White LED Driver
logo
Allegro MicroSystems
A8430 ALLEGRO-A8430 Datasheet
329Kb / 10P
   White LED Driver Constant Current Step-up Converter
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Will Semiconductor Ltd.
WD3139 WILLSEMI-WD3139 Datasheet
1Mb / 13P
   High Efficiency, 38V Step-Up White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com