Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4AK18 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 4AK18
Description  Silicon N-Channel Power MOS FET Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

4AK18 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  4AK18 Datasheet HTML 1Page - Hitachi Semiconductor 4AK18 Datasheet HTML 2Page - Hitachi Semiconductor 4AK18 Datasheet HTML 3Page - Hitachi Semiconductor 4AK18 Datasheet HTML 4Page - Hitachi Semiconductor 4AK18 Datasheet HTML 5Page - Hitachi Semiconductor 4AK18 Datasheet HTML 6Page - Hitachi Semiconductor 4AK18 Datasheet HTML 7Page - Hitachi Semiconductor 4AK18 Datasheet HTML 8Page - Hitachi Semiconductor 4AK18 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4AK18
4
6
4
2
0
50
100
150
Ambient Temperature Ta (°C)
5
3
1
125
75
25
Condition : Channel Dissipation of
each die is identical
Maximum Channel Dissipation Curve
4 Device Operation
3 Device Operation
2 Device Operation
1 Device Operation
30
20
10
0
50
100
150
Case Temperature TC (°C)
125
75
25
Condition : Channel Dissipation
of each die is identical
Maximum Channel Dissipation Curve
4 Device Operation
3 Device Operation
2 Device Operation
1 Device Operation
100
10
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
30
3
0.1
0.3
1.0
3
10
30
100
Ta = 25°C
10
µs
0.3
1.0
Typical Output Characteristics
6
Drain to Source Voltage VDS (V)
8
4
2
10
0
1
2
3
4
0
5
VGS = 2 V
Pulse Test
10 V
5 V
4 V
3 V
3.5 V
2.5 V


Similar Part No. - 4AK18

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
4AK15 HITACHI-4AK15 Datasheet
49Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK16 HITACHI-4AK16 Datasheet
50Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK17 HITACHI-4AK17 Datasheet
50Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK19 HITACHI-4AK19 Datasheet
53Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 4AK18

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
4AK15 HITACHI-4AK15 Datasheet
49Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK21 HITACHI-4AK21 Datasheet
36Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK22 HITACHI-4AK22 Datasheet
36Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK25 HITACHI-4AK25 Datasheet
39Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK17 HITACHI-4AK17 Datasheet
50Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK23 HITACHI-4AK23 Datasheet
40Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK16 HITACHI-4AK16 Datasheet
50Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK20 HITACHI-4AK20 Datasheet
36Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK26 HITACHI-4AK26 Datasheet
52Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AM11 HITACHI-4AM11 Datasheet
125Kb / 10P
   Silicon N-Channel/P-Channel Power MOS FET Array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com