Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4AK16 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 4AK16
Description  Silicon N-Channel Power MOS FET Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

4AK16 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  4AK16 Datasheet HTML 1Page - Hitachi Semiconductor 4AK16 Datasheet HTML 2Page - Hitachi Semiconductor 4AK16 Datasheet HTML 3Page - Hitachi Semiconductor 4AK16 Datasheet HTML 4Page - Hitachi Semiconductor 4AK16 Datasheet HTML 5Page - Hitachi Semiconductor 4AK16 Datasheet HTML 6Page - Hitachi Semiconductor 4AK16 Datasheet HTML 7Page - Hitachi Semiconductor 4AK16 Datasheet HTML 8Page - Hitachi Semiconductor 4AK16 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
4AK16
3
Electrical Characteristics (Ta = 25°C) (1 Unit)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown
voltage
V
(BR)DSS
60
V
I
D = 10 mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±16 V, VDS = 0
Zero gate voltage drain current I
DSS
250
µAV
DS = 50 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
1.0
2.0
V
I
D = 1 mA, VDS = 10 V
Static drain to source on state
resistance
R
DS(on)
0.12
0.18
I
D = 5 A
V
GS = 10 V*
1
0.17
0.25
I
D = 5 A
V
GS = 4 V*
1
Forward transfer admittance
|y
fs|
3.5
6.0
S
I
D = 5 A
V
DS = 10 V*
1
Input capacitance
Ciss
400
pF
V
DS = 10 V
Output capacitance
Coss
220
pF
V
GS = 0
Reverse transfer capacitance
Crss
60
pF
f = 1 MHz
Turn-on delay time
t
d(on)
—5
—ns
I
D = 5 A
Rise time
t
r
55
ns
V
GS = 10 V
Turn-off delay time
t
d(off)
140
ns
R
L = 6 Ω
Fall time
t
f
—90—ns
Body to drain diode forward
voltage
V
DF
1.0
V
I
F = 5 A, VGS = 0
Body to drain diode reverse
recovery time
t
rr
100
ns
I
F = 5 A, VGS = 0
dIF/dt = 50 A/
µs
Note:
1. Pulse test


Similar Part No. - 4AK16

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
4AK15 HITACHI-4AK15 Datasheet
49Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK17 HITACHI-4AK17 Datasheet
50Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK18 HITACHI-4AK18 Datasheet
49Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK19 HITACHI-4AK19 Datasheet
53Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 4AK16

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
4AK18 HITACHI-4AK18 Datasheet
49Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK15 HITACHI-4AK15 Datasheet
49Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK21 HITACHI-4AK21 Datasheet
36Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK22 HITACHI-4AK22 Datasheet
36Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK25 HITACHI-4AK25 Datasheet
39Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK17 HITACHI-4AK17 Datasheet
50Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK23 HITACHI-4AK23 Datasheet
40Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK20 HITACHI-4AK20 Datasheet
36Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK26 HITACHI-4AK26 Datasheet
52Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AM11 HITACHI-4AM11 Datasheet
125Kb / 10P
   Silicon N-Channel/P-Channel Power MOS FET Array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com