Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTLP651C-Y Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # QTLP651C-Y
Description  SURFACE MOUNT LED LAMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP651C-Y Datasheet(HTML) 6 Page - Fairchild Semiconductor

  QTLP651C-Y Datasheet HTML 1Page - Fairchild Semiconductor QTLP651C-Y Datasheet HTML 2Page - Fairchild Semiconductor QTLP651C-Y Datasheet HTML 3Page - Fairchild Semiconductor QTLP651C-Y Datasheet HTML 4Page - Fairchild Semiconductor QTLP651C-Y Datasheet HTML 5Page - Fairchild Semiconductor QTLP651C-Y Datasheet HTML 6Page - Fairchild Semiconductor QTLP651C-Y Datasheet HTML 7Page - Fairchild Semiconductor QTLP651C-Y Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
60 - 120 sec
Preheating
+5° C/s MAX
-5° C/s MAX
120 - 150° C MAX
5 sec MAX
soldering time
240° C MAX
0.055 (1.4)
0.063 (1.6)
0.063 (1.6)
0.055 (1.4)
RECOMMENDED PRINTED CIRCUIT BOARD PATTERN
RECOMMENDED IR REFLOW SOLDERING PROFILE
SURFACE MOUNT LED LAMP
SUPER BRIGHT 1206 (Inner Lens)
QTLP651C-R Red
QTLP651C-E Orange
QTLP651C-O Yellow-Orange
QTLP651C-Y Yellow
QTLP651C-AG Yellow-Green
QTLP651C-IG True Green
QTLP651C-IB Blue
www.fairchildsemi.com
6 OF 8
8/30/01
DS300102


Similar Part No. - QTLP651C-Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP651C-Y FAIRCHILD-QTLP651C-Y Datasheet
188Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Inner Lens)
More results

Similar Description - QTLP651C-Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP600CRGBTR FAIRCHILD-QTLP600CRGBTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23SYC-F KINGBRIGHT-AM23SYC-F Datasheet
279Kb / 5P
   SURFACE MOUNT LED LAMP
AM23YD-F KINGBRIGHT-AM23YD-F Datasheet
280Kb / 5P
   SURFACE MOUNT LED LAMP
AM23ESGW KINGBRIGHT-AM23ESGW Datasheet
324Kb / 6P
   SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP600CRTR FAIRCHILD-QTLP600CRTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
KM-23ESGW KINGBRIGHT-KM-23ESGW Datasheet
156Kb / 5P
   SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C7TR FAIRCHILD-QTLP670C7TR Datasheet
160Kb / 7P
   SURFACE MOUNT LED LAMP
logo
Everlight Electronics C...
QTLP603CIWTR EVERLIGHT-QTLP603CIWTR Datasheet
1Mb / 7P
   SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C-T FAIRCHILD-QTLP670C-T Datasheet
178Kb / 8P
   SURFACE MOUNT LED LAMP
QTLP601C-EB FAIRCHILD-QTLP601C-EB Datasheet
352Kb / 6P
   SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com