Electronic Components Datasheet Search |
|
QXX25N5 Datasheet(PDF) 11 Page - Littelfuse |
|
QXX25N5 Datasheet(HTML) 11 Page - Littelfuse |
11 / 11 page 127 ©2010 Littelfuse, Inc Revised: May 10, 2010 09:33 PM Teccor® brand Thyristors Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information. Teccor® brand Thyristors Qxx25xx & Qxx25xHx Series 25 Amp Standard & Alternistor (High Commutation) Triacs Gate MT1 / Cathode MT2 / Anode 0.512 (13.0) Arbor Hole Dia. 0.945 (24.0) 0.63 (16.0) 1.01 (25.7) 12.99 (330.0) 0.827 (21.0) 0.157 (4.0) Direction of Feed Dimensions are in inches (and millimeters). * * Cover tape 0.059 DIA (1.5) TO-263 Embossed Carrier Reel Pack (RP) Specifications Meets all EIA-481-2 Standards Part Numbering System Part Marking System Q 60 25 N H6 DEVICE TYPE Q: Triac or Alternistor VOLTAGE RATING 40: 400V 60: 600V 80: 800V K0: 1000V CURRENT RATING 25: 25A PACKAGE TYPE L : TO-220AB Isolated R : TO-220AB Non-Isolated N : TO-263 (D2 -Pak) K : TO-218AC Isolated J : TO-218X Isolated P : Fastpak SENSITIVITY Standard Triac 5: 50mA Alternistor H5: 50mA 6: 80mA H6: 80mA TO-218AC (K Package) TO-218X (J Package) yxxxx Q6025L5 TO-220AB (R & L Packages) TO-263 (N Package) Fastpak (P Package) Q6025K6 yxxxx yxxxx Q6025P5 ® ® ® |
Similar Part No. - QXX25N5 |
|
Similar Description - QXX25N5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |