Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43640-0901 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43640-0901
Description  Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 9 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

43640-0901 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43640-0901 Datasheet HTML 1Page - Molex Electronics Ltd. 43640-0901 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/13/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
43640-0901
Status:
Active
Overview:
Micro-Fit 3.0™ Connectors
Description:
Micro-Fit 3.0™ Plug Housing, Single Row, without Panel Mount Ears, 9 Circuits
Documents:
3D Model
Test Summary TS-43045-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-43650 (PDF)
Product Literature (PDF)
Packaging Specification PK-43640-003 (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
43640
Application
Power, Wire-to-Wire
Overview
Micro-Fit 3.0™ Connectors
Product Literature Order No
987650-5984
Product Name
Micro-Fit 3.0™
UPC
800754712545
Physical
Circuits (maximum)
9
Color - Resin
Black
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
1.482/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.00mm
Polarized to Mating Part
No
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
5A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-43640-003
Product Specification
PS-43650
Sales Drawing
SD-43640-****
Test Summary
TS-43045-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43640Series
Mates With
43645 Micro-Fit 3.0™ Receptacle Housings
Use With
43031 Micro-Fit 3.0™ Male Crimp Terminals
This document was generated on 10/13/2014


Similar Part No. - 43640-0901

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43640-0901 MOLEX5-43640-0901 Datasheet
258Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Plug Housing, Single Row, without Panel Mount Ears, 9 Circuits
43640-0901 MOLEX-43640-0901 Datasheet
220Kb / 2P
   MICRO-FIT (3.0) IN-LINE 2 THRU 12 CIRCUIT PLUG W/ OPTIONAL PANEL MOUNTS
More results

Similar Description - 43640-0901

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43640-0900 MOLEX11-43640-0900 Datasheet
42Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, with Panel Mount Ears, 9 Circuits
43640-0701 MOLEX11-43640-0701 Datasheet
42Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 7 Circuits
43640-0301 MOLEX11-43640-0301 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 3 Circuits
43640-0601 MOLEX11-43640-0601 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 6 Circuits
43640-0801 MOLEX11-43640-0801 Datasheet
42Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 8 Circuits
43640-1001 MOLEX11-43640-1001 Datasheet
42Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 10 Circuits
43640-1201 MOLEX11-43640-1201 Datasheet
42Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 12 Circuits
43640-0501 MOLEX11-43640-0501 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 5 Circuits
43640-1101 MOLEX11-43640-1101 Datasheet
42Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 11 Circuits
43640-0201 MOLEX11-43640-0201 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 2 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com