Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U026-016 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # U026-016
Description  USB 2.0 Hi-Speed Active Extension Cable (A M/F) 16-ft.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U026-016 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  U026-016 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U026-016 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U026-016 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Tripp Lite:
U026-016


Similar Part No. - U026-016

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U026-025 TRIPPLITE-U026-025 Datasheet
168Kb / 3P
   USB 2.0 Active Extension Cable (USB-A M/F), 25 ft. (7.6 m)
More results

Similar Description - U026-016

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U026016 TRIPPLITE-U026016 Datasheet
553Kb / 2P
   USB 2.0 Hi-Speed Active Extension Cable (A M-F), 16-ft
U024016 TRIPPLITE-U024016 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F) 16-ft
U024-010 TRIPPLITE-U024-010 Datasheet
490Kb / 3P
   USB 2.0 Hi-Speed Extension Cable (A M/F) 10-ft.
U024-006 TRIPPLITE-U024-006 Datasheet
490Kb / 3P
   USB 2.0 Hi-Speed Extension Cable (A M/F) 6-ft.
U024006 TRIPPLITE-U024006 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F), 6-ft
U024003 TRIPPLITE-U024003 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F) 3-ft
U02610M TRIPPLITE-U02610M Datasheet
516Kb / 2P
   USB 2.0 Hi-Speed Active Extension Repeater Cable (A M-F), 10M (33-ft)
U02620M TRIPPLITE-U02620M Datasheet
505Kb / 2P
   USB 2.0 Hi-Speed Active Extension Repeater Cable (A-A M-F), 20M (65-ft)
U024-016 TRIPPLITE-U024-016 Datasheet
158Kb / 2P
   USB 2.0 Extension Cable (A M/F) 16-ft.
U026-025 TRIPPLITE-U026-025 Datasheet
168Kb / 3P
   USB 2.0 Active Extension Cable (USB-A M/F), 25 ft. (7.6 m)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com