Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3SK297 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # 3SK297
Description  Silicon N-Channel Dual Gate MOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

3SK297 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button 3SK297 Datasheet HTML 3Page - Hitachi Semiconductor 3SK297 Datasheet HTML 4Page - Hitachi Semiconductor 3SK297 Datasheet HTML 5Page - Hitachi Semiconductor 3SK297 Datasheet HTML 6Page - Hitachi Semiconductor 3SK297 Datasheet HTML 7Page - Hitachi Semiconductor 3SK297 Datasheet HTML 8Page - Hitachi Semiconductor 3SK297 Datasheet HTML 9Page - Hitachi Semiconductor 3SK297 Datasheet HTML 10Page - Hitachi Semiconductor 3SK297 Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3SK297
8
10
5
4
3
2
1.5
1
.8
–2
–3
–4
–5
–10
.6
.4
.2
0
–.2
–.4
–.6
–.8
–1
–1.5
.2
.4
.6 .8
2
3 4 5
1.5
10
DS
G2S
D
V
= 6 V , V
= 3 V
I
= 10 mA , Zo = 50
S11 Parameter vs. Frequency
Condition:
50 to 1000 MHz (50 MHz step)
1.0
Scale: 0.5 / div.
0
°
30
°
60
°
90
°
120
°
150
°
180
°
–150
°
–90
°
–60
°
–30
°
–120
°
DS
G2S
D
V
= 6 V , V
= 3 V
I
= 10 mA , Zo = 50
S21 Parameter vs. Frequency
Condition:
50 to 1000 MHz (50 MHz step)
Scale: 0.002 / div.
0
°
30
°
60
°
90
°
120
°
150
°
180
°
–150
°
–90
°
–60
°
–30
°
–120
°
DS
G2S
D
V
= 6 V , V
= 3 V
I
= 10 mA , Zo = 50
S12 Parameter vs. Frequency
Condition:
50 to 1000 MHz (50 MHz step)
10
5
4
3
2
1.5
1
.8
–2
–3
–4
–5
–10
.6
.4
.2
0
–.2
–.4
–.6
–.8
–1
–1.5
.2
.4
.6 .8
2
3 4 5
1.5
10
DS
G2S
D
V
= 6 V , V
= 3 V
I
= 10 mA , Zo = 50
S22 Parameter vs. Frequency
Condition:
50 to 1000 MHz (50 MHz step)
1.0


Similar Part No. - 3SK297

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3SK297 RENESAS-3SK297 Datasheet
196Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
3SK297ZP-TL-E RENESAS-3SK297ZP-TL-E Datasheet
196Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
More results

Similar Description - 3SK297

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
3SK298 HITACHI-3SK298 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
logo
List of Unclassifed Man...
BF982 ETC-BF982 Datasheet
123Kb / 3P
   SILICON N-CHANNEL DUAL GATE MOS-FET
logo
Hitachi Semiconductor
3SK322 HITACHI-3SK322 Datasheet
90Kb / 12P
   Silicon N-Channel Dual Gate MOS FET
3SK290 HITACHI-3SK290 Datasheet
90Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
3SK194 HITACHI-3SK194 Datasheet
37Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
NXP Semiconductors
BF981 PHILIPS-BF981 Datasheet
27Kb / 1P
   SILICON N-CHANNEL DUAL GATE MOS-FET
December 1990
logo
Renesas Technology Corp
3SK296 RENESAS-3SK296 Datasheet
190Kb / 8P
   Silicon N-Channel Dual Gate MOS FET
3SK297 RENESAS-3SK297 Datasheet
196Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
Hitachi Semiconductor
3SK295 HITACHI-3SK295 Datasheet
51Kb / 10P
   Silicon N-Channel Dual Gate MOS FET
3SK186 HITACHI-3SK186 Datasheet
31Kb / 6P
   Silicon N-Channel Dual Gate MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com