Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43020-1208 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 43020-1208
Description  Micro-Fit 3.0 Plug Housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

43020-1208 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  43020-1208 Datasheet HTML 1Page - Molex Electronics Ltd. 43020-1208 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pitch - Mating Interface
3.00mm
Pitch - Termination Interface
3.00mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
5A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-43020-001
Product Specification
PS-43045
Sales Drawing
SD-43020-001
Test Summary
TS-43045-001
This document was generated on 10/06/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 43020-1208

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43020-1200 MOLEX5-43020-1200 Datasheet
219Kb / 2P
   3.00mm (.118") Pitch Micro-Fit 3.0??Plug Housing, Dual Row, with Panel Mount Ears, 12 Circuits
43020-1200 MOLEX-43020-1200 Datasheet
216Kb / 1P
   MICRO-FIT(3.0) 2 THRU 24 CIRCUIT PLUG WITH OPTIONAL PANEL MOUNTS
43020-1200 MOLEX11-43020-1200 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-1201 MOLEX5-43020-1201 Datasheet
219Kb / 2P
   3.00mm (.118") Pitch Micro-Fit 3.0??Plug Housing, Dual Row, without Panel Mount Ears, 12 Circuits
43020-1201 MOLEX-43020-1201 Datasheet
216Kb / 1P
   MICRO-FIT(3.0) 2 THRU 24 CIRCUIT PLUG WITH OPTIONAL PANEL MOUNTS
More results

Similar Description - 43020-1208

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43020-0600 MOLEX11-43020-0600 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-0601 MOLEX11-43020-0601 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-0608 MOLEX11-43020-0608 Datasheet
58Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-0800 MOLEX11-43020-0800 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-1000 MOLEX11-43020-1000 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-1600 MOLEX11-43020-1600 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-1800 MOLEX11-43020-1800 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
43640-0300 MOLEX11-43640-0300 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-1801 MOLEX11-43020-1801 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-0401 MOLEX11-43020-0401 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-1001 MOLEX11-43020-1001 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com