Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P750-010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P750-010
Description  10-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B004-008
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P750-010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P750-010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P750-010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P750-010 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10-ft. KVM Switch PS/2 (3-in-1) Cable Kit for
B004-008
MODEL NUMBER: P750-010
Description
Tripp Lite's 10-ft. PS/2 (3-in-1) KVM cable kit is designed to connect a PS/2 computer to Tripp Lite's B004-008
Standard 8-Port KVM switch. This premium 3-in-1 cable provides superior performance and cable management.
The KVM Switch side of the cable kit consists of a HD15 Male cable. The Computer side of the cable kit consists
of a PS/2 (MiniDIN6) Male Mouse cable, a PS/2 (MiniDIN6) Male Keyboard cable and a HD15 Male cable. This
low profile cable kit is incredibly flexible, making cable management a breeze. All cables are manufactured from superior molded cable with integral strain relief
and foil shielding for maximum EMI/RFI protection.
Features
Connects a PS/2 computer to a Tripp Lite B004-008 8-Port KVM Switch.
KVM Switch side of the cable kit consists of a HD15 Male cable
Computer side of the cable kit consists of a PS/2 (MiniDIN6) Male Mouse cable, a PS/2 (MiniDIN6) Male Keyboard cable and a HD15 Male cable
Provides superior performance and cable management
Low profile cable is super flexible and easy to control
Superior molded cable with integral strain relief and double shielding (foil and braid) for maximum EMI/RFI protection
Specifications
OVERVIEW
Model Type
Cable Kits
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.05
Highlights
Connects a PS/2 Computer to a
B004-008 KVM Switch
3-in-1 construction and slim size
makes management and
organization of cables much
easier
Molded, color-coded connectors
Applications
For use with Tripp Lite's
B004-008 Standard 8-Port KVM
Switch. (Up to 8 Cable Kits per
B004-008 KVM Switch)
System Requirements
A PS/2 computer or an adapter
(model # B015-000) for a
non-PS/2 computer.
Tripp Lite 8-port KVM switch,
B004-008
Package Includes
10-ft. PS/2 (3-in-1) KVM Cable Kit
1 / 2


Similar Part No. - P750-010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P750-015 TRIPPLITE-P750-015 Datasheet
479Kb / 3P
   15-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B004-008
More results

Similar Description - P750-010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P750-006 TRIPPLITE-P750-006 Datasheet
479Kb / 3P
   6-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B004-008
P750-015 TRIPPLITE-P750-015 Datasheet
479Kb / 3P
   15-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B004-008
P753-010 TRIPPLITE-P753-010 Datasheet
483Kb / 3P
   10-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B007-008
P753-015 TRIPPLITE-P753-015 Datasheet
483Kb / 3P
   15-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B007-008
P774-010 TRIPPLITE-P774-010 Datasheet
486Kb / 4P
   10-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B020-008/016 series B022-016 and B022 desktop
P774-006 TRIPPLITE-P774-006 Datasheet
481Kb / 3P
   6-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B020-008/016 series B022-016 and B022 desktop
P774-025 TRIPPLITE-P774-025 Datasheet
487Kb / 4P
   25-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B020-008/016 series B022-016 and B022 desktop
P774-015 TRIPPLITE-P774-015 Datasheet
484Kb / 4P
   15-ft. KVM Switch PS/2 (3-in-1) Cable Kit for B020-008/016 series B022-016 and B022 desktop
P776-010 TRIPPLITE-P776-010 Datasheet
485Kb / 3P
   10-ft. KVM Switch USB (2-in-1) Cable Kit for B020- and B022-Series KVM switches
P758-010 TRIPPLITE-P758-010 Datasheet
495Kb / 3P
   10-ft. KVM Switch USB Cable Kit for B006-VU4-R
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com