Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWM180-28 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TWM180-28
Description  180W Medical Grade AC/DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TWM180-28 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TWM180-28 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TWM180-28 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TWM180 Series
180W Medical Grade AC/DC Power Supplies
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
ELECTRICAL SPECIFICATIONS
Input Voltage ........................ 90~264 VAC
Input Frequency ................... 47~63 Hz
Input Current ........................ 3A (rms) max. @ 115 VAC,
1.5A (rms) max. @ 230 VAC
Inrush Current ..................... 50A max. @ 115 VAC, 100A max.
@ 230 VAC at cold start +25°C
Earth Leakage Current ........ 100 µA max. @ 264 VAC
Power Factor ....................... >0.95 @115 VAC, >0.9 @230 VAC
Output Power Ratings ......... See table
Output Voltage Regulation .. ±3%
Ripple and Noise* ............... 240mV
STANDARDS & COMPLIANCES
EMC Standards ................... EN 60601-1-2, EN 55011 Class B,
............................................. FCC Part 18 Class B
Safety Standards ................. IEC/EN/UL 60601-1 3rd Edition,
............................................. ANSI/AAMI ES 60601-1: 2005,
............................................. CAN/CSA C22.2 No. 60601-1:08
Agency Approvals ................ CSA, CUS, TUV, CE, CB, FCC
Other Compliance ............... RoHS
FEATURES
• 90~264 VAC Universal Input
• 180W in 3" X 5" Footprint
• 0.9 to 0.95 Power Factor
• Body Floating (BF) Rated, MOOP Type
• IEC/EN//UL 60601-1 3rd Edition Approvals
* R&N are measured at 20 MHz bandwidth with a 10µF electrolytic capacitor and with
a 0.1µF ceramic capacitor in parallel.
GENERAL SPECIFICATIONS
Efficiency .................................. >87% at full load, 115 VAC
Switching Frequency ............... 45~75KHz
Hold-up Time ........................... >20 ms at 115 VAC, 180W load
Operating Temperature ........... 0°C to +60°C
Derating ................................... Derate linearly 2.5%/°C from
............................................. +41°C to +60°C @ convection
............................................. and +51°C to +60°C @15 CFM
Storage Temperature ............... -40°C to +85°C
Operating Humidity .................. 5% to 95% non-condensing
Short-Circuit Protection ........... Auto-recovery
Overload Protection ................. Set at 110% to 150% of the
maximum rating, Auto-recovery
Overvoltage Protection ............ Shutdown and latch off, AC
............................................. recycle
Withstand Voltage .................... 4,000 VAC from input to output,
............................................. 1,500 VAC from input to ground,
............................................. 500 VAC from output to ground
MTBF ........................................ 123K hours at full load and
25°C ambient temperature
calculated per MIL-HDBK-217F
.
o
N
t
c
u
d
o
r
P
e
g
a
t
l
o
V
t
u
p
t
u
O
d
a
o
L
m
u
m
i
x
a
M
n
o
i
t
a
l
u
g
e
R
t
u
p
t
u
O
.
x
a
M
n
o
i
t
c
e
v
n
o
C
@
M
F
C
5
1
@
2
1
-
0
8
1
M
W
T
V
2
1A
0
1A
5
1%
3
±W
0
8
1
5
1
-
0
8
1
M
W
T
V
5
1A
8A
2
1%
3
±W
0
8
1
9
1
-
0
8
1
M
W
T
V
9
1A
2
3
.
6A
8
4
.
9%
2
±W
0
8
1
4
2
-
0
8
1
M
W
T
V
4
2A
5A
5
.
7%
2
±W
0
8
1
8
2
-
0
8
1
M
W
T
V
8
2A
9
2
.
4A
3
4
.
6%
2
±W
0
8
1
8
4
-
0
8
1
M
W
T
V
8
4A
5
.
2A
5
7
.
3%
2
±W
0
8
1
MODELS LIST


Similar Part No. - TWM180-28

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TWM10 OHMITE-TWM10 Datasheet
481Kb / 2P
   Ceramic Housed Radial Terminal Power
TWM10 OHMITE-TWM10 Datasheet
461Kb / 2P
   Wide resistance range
TWM10JR05E OHMITE-TWM10JR05E Datasheet
111Kb / 1P
   Ceramic Housed Radial Terminal Power
logo
Tumbler Technologies + ...
TWM15 TRUMPOWER-TWM15 Datasheet
161Kb / 2P
   Medical Grade 15W Wall Mount Power Adapters
TWM15-05-X TRUMPOWER-TWM15-05-X Datasheet
161Kb / 2P
   Medical Grade 15W Wall Mount Power Adapters
More results

Similar Description - TWM180-28

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TWM200 TRUMPOWER-TWM200 Datasheet
85Kb / 1P
   200W Medical Grade AC/DC Power Supplies
TWM360 TRUMPOWER-TWM360 Datasheet
1Mb / 4P
   360W Medical Grade AC/DC Power Supplies
TWM250 TRUMPOWER-TWM250 Datasheet
108Kb / 2P
   250W Medical Grade AC/DC Power Supplies
TWM500 TRUMPOWER-TWM500 Datasheet
415Kb / 4P
   500W Medical Grade AC/DC Power Supplies
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
   65W Medical & ITE Grade AC/DC Power Supplies
TM1100 TRUMPOWER-TM1100 Datasheet
274Kb / 2P
   1100 Watts AC/DC Medical & ITE Grade Power Supplies
TMC150 TRUMPOWER-TMC150 Datasheet
82Kb / 2P
   150 Watts AC/DC Medical & ITE Grade Power Supplies
TWM280 TRUMPOWER-TWM280 Datasheet
305Kb / 3P
   280W Medical and ITE Grade AC/DC Power Supplies
logo
Wall Industries,Inc.
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
   Medical AC/DC Power Supplies
PSMAF150 WALL-PSMAF150 Datasheet
1Mb / 9P
   Medical AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com