Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP65-24 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMP65-24
Description  65 Watts Medical Grade Power Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP65-24 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMP65-24 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP65-24 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMP65 Series
65 Watts Medical Grade Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
MODELS LIST
.
o
N
t
c
u
d
o
r
P
t
u
p
t
u
O
e
g
a
t
l
o
V
m
u
m
i
x
a
M
t
n
e
r
r
u
C
m
u
m
i
x
a
M
r
e
w
o
P
)
t
e
l
n
I
6
C
/
0
2
3
C
E
I
(
I
s
s
a
l
C
2
1
-
5
6
P
M
T
V
2
1A
2
4
.
5W
5
6
5
1
-
5
6
P
M
T
V
5
1A
3
3
.
4W
5
6
8
1
-
5
6
P
M
T
V
8
1A
2
6
.
3W
5
6
9
1
-
5
6
P
M
T
V
9
1A
3
4
.
3W
5
6
0
2
-
5
6
P
M
T
V
0
2A
5
2
.
3W
5
6
4
2
-
5
6
P
M
T
V
4
2A
1
7
.
2W
5
6
)
t
e
l
n
I
8
C
/
0
2
3
C
E
I
(
I
I
s
s
a
l
C
R
2
-
2
1
-
5
6
P
M
T
V
2
1A
2
4
.
5W
5
6
R
2
-
5
1
-
5
6
P
M
T
V
5
1A
3
3
.
4W
5
6
R
2
-
8
1
-
5
6
P
M
T
V
8
1A
2
6
.
3W
5
6
R
2
-
9
1
-
5
6
P
M
T
V
9
1A
3
4
.
3W
5
6
R
2
-
0
2
-
5
6
P
M
T
V
0
2A
5
2
.
3W
5
6
R
2
-
4
2
-
5
6
P
M
T
V
4
2A
1
7
.
2W
5
6
INPUT SPECIFICATIONS
Input Voltage Range ............ 85~265 VAC
Input Frequency ................... 47~63Hz
Input Current ........................ 2A rms @ 115 VAC
1A rms @ 230 VAC
Inrush Current ..................... 40 A @ 115 VAC or 80 A @ 230 VAC,
at 25°C cold start
Touch Current ...................... 100µA max. @ 264 VAC, 63Hz
Earth Leakage Current ........ 300µA max. @ 264 VAC, 63Hz
OUTPUT SPECIFICATIONS
Output Power Ratings .......... See table
Minimum Load ...................... Not required
Tolerance ............................. ±5%
Ripple and Noise* ............... 1% peak to peak max. at full load
Overvoltage Protection ........ Set at 112-140% of its nominal
output voltage
Overcurrent Protection ........ Protected to short-circuit
conditions
Temperature Coefficient ..... ±0.04%/°C max.
Transient Response ........... Max. excursion of 4% or better on
all models, recovering to 1% of
final value within 500 µs after a
25% step load change
* Measured with 20MHz bandwidth at rated line voltage and output load ranges,
with a 10µF tantalum capacitor in parallel with a 0.1µF ceramic capacitor in
parallel across the output.
GENERAL SPECIFICATIONS
Power Factor ....................... 0.98 typical @ 115 VAC
Efficiency ............................. 87% minimum at full load
Hold-up Time ....................... 10 ms min. @ 110 VAC
Switching Frequency ........... 75~100KHz
Line Regulation ................... ±0.5% maximum at full load
Operating Temperature ...... 0°C to +60°C
Derating ............................... Derate from 100% at +40°C linearly
to 50% at +60°C
Storage Temperature .......... -40°C to +85°C
Relative Humidity ................ 5% to 95% non-condensing
Withstand Voltage ............... 5600 VDC from input to output,
............................................. 2100 VDC from input to ground,
............................................. 700 VDC from output to ground
............................................. (Class II: 4000 VAC from input to
............................................. output)
MTBF .................................... 150K hours minimum at full load,
25°C ambient, calculated per
MIL-HDBK-217F
STANDARDS & COMPLIANCES
IEC/EN 60601-1-2 ............. EMC & Immunity Performance
EN 55011, FCC, VCCI ....... Class B, conducted & radiated
EN 61000-3-2 .................... Harmonic distortion, Class A
EN 61000-3-3 .................... Line flicker
EN 61000-4-2 .................... ESD, ±8 KV air and ±6 KV contact
EN 61000-4-3 .................... Radiated immunity, 3 V/m
EN 61000-4-4 .................... Fast transient/burst, ±2 KV
EN 61000-4-5 .................... Surge, ±1 KV diff., ±2 KV com.
EN 61000-4-6 .................... Conducted immunity, 3 Vrms
EN 61000-4-8 .................... Magnetic field immunity, 3 A/m
EN 61000-4-11 .................. Voltage dip immunity,
30% reduction for 500ms,
60% reduction for 100ms,
>95% reduction for 10ms
Safety Standards ............... IEC/EN/UL 60601-1 3rd Edition,
ANSI/AAMI ES 60601-1 1st Edition,
CSA-C22.2 No. 60601-1 2nd Edition
Agency Approvals .............. UL, TUV, CE, CB
Other Compliances .......... RoHS, CEC & Energy Star Level V
FEATURES
• Low Cost
• Low Safety Ground Leakage Current
• Class I (2MOPP) & Class II (1MOPP) Models Available
• Compliant with CEC & Energy Star Level V
100% Burn-in Tested
White-Colored Units Avavilable


Similar Part No. - TMP65-24

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP60 TRUMPOWER-TMP60 Datasheet
241Kb / 2P
   30-60 WATT MEDICAL POWER ADAPTERS
logo
FOTEK CONTROLS CO., LTD...
TMP60-3D FOTEK-TMP60-3D Datasheet
775Kb / 4P
   Multifunction Digital timer
TMP60-4D FOTEK-TMP60-4D Datasheet
775Kb / 4P
   Multifunction Digital timer
logo
Tumbler Technologies + ...
TMP60-D23 TRUMPOWER-TMP60-D23 Datasheet
241Kb / 2P
   30-60 WATT MEDICAL POWER ADAPTERS
TMP60-Sxx TRUMPOWER-TMP60-Sxx Datasheet
241Kb / 2P
   30-60 WATT MEDICAL POWER ADAPTERS
More results

Similar Description - TMP65-24

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
   90 Watts Medical Grade Power Adapters
TAM30 TRUMPOWER-TAM30 Datasheet
177Kb / 2P
   30 Watts Medical Grade AC/DC Power Adapters
TMW10 TRUMPOWER-TMW10_16 Datasheet
320Kb / 2P
   6.6 to 15 Watts Medical Grade Power Adapters
TMP90 TRUMPOWER-TMP90 Datasheet
211Kb / 2P
   90 WATTS MEDICAL POWER ADAPTERS
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
   30 Watts Medical Power Adapters
TMP400 TRUMPOWER-TMP400 Datasheet
84Kb / 2P
   400 Watts Medical & ITE Power Adapters
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
   Medical Grade 15W Desktop Power Adapters
TMA65 TRUMPOWER-TMA65 Datasheet
96Kb / 2P
   40-65W Medical Grade Power Adapters
TMA165 TRUMPOWER-TMA165 Datasheet
97Kb / 1P
   160-165W Medical Grade Power Adapters
TMP220 TRUMPOWER-TMP220 Datasheet
112Kb / 2P
   200-220 Watts Medical & ITE Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com