Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N202-200-BL Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N202-200-BL
Description  Cat6 Gigabit Solid Conductor Snagless Patch Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N202-200-BL Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N202-200-BL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N202-200-BL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N202-200-BL Datasheet HTML 3Page - Tripp Lite. All Rights Reserved N202-200-BL Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Cat6 Gigabit Solid Conductor Snagless Patch Cable
(RJ45 M/M ) - Blue, 200-ft.
MODEL NUMBER: N202-200-BL
Description
Tripp Lite Solid Conductor 4-pair Cat6 patch cables are ideal for long Ethernet patch cable runs, as well as for
use with Tripp Lite's HDMI over Cat6 Audio/Video products. Solid conductor wire has a lower DC resistance, allowing signals to run farther and stronger than
stranded conductor patch cables. Unique, snagless boot protects the RJ45 locking tab during cable pulls, yet easily disconnects from attached equipment.
Features
200ft Blue Cat6 Solid Conductor patch cable
Meets Category 6 cabling standards
Solid Conductor 4 Pair Cable for long distance patch runs
Drastically reduce impedance and structural return loss compared to Stranded Conductor patch cables
High-quality copper wire and a shortened body plug design
Snagless boots protect the locking tabs on the RJ45 connectors from being damaged during installation
Specifications
OVERVIEW
Intended Application
Cat6 Gigabit Ethernet Networks or VGA/DVI/HDMI over Cat5/6 AV Equipment
Cable Type
CAT6 / CAT6E / CAT6A
Display Style
Cable
Model Type
Snagless Patch Cables
INPUT
Cable Length (ft.)
200
Highlights
Meets Category 6 cabling
standards
Solid Conductor 4 Pair Cable for
long distance patch runs
Drastically reduce impedance
and structural return loss
compared to Stranded Conductor
patch cables
High-quality copper wire and a
shortened body plug design
Snagless boots protect the
locking tabs on the RJ45
connectors from being damaged
during installation
Package Includes
N202-200-BL, 200ft Blue Cat6 Solid
Conductor Patch cable
1 / 3


Similar Part No. - N202-200-BL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N202-025-BL TRIPPLITE-N202-025-BL Datasheet
154Kb / 2P
   Cat6 Gigabit Solid Conductor Snagless Patch Cable (RJ45 M/M) - Blue, 25-ft.
N202-050-BL TRIPPLITE-N202-050-BL Datasheet
154Kb / 2P
   Cat6 Gigabit Solid Conductor Snagless Patch Cable (RJ45 M/M) - Blue, 50-ft.
N202-075-BL TRIPPLITE-N202-075-BL Datasheet
154Kb / 2P
   Cat6 Gigabit Solid Conductor Snagless Patch Cable (RJ45 M/M) - Blue, 75-ft.
N202-100-BL TRIPPLITE-N202-100-BL Datasheet
154Kb / 2P
   Cat6 Gigabit Solid Conductor Snagless Patch Cable (RJ45 M/M) - Blue, 100-ft.
N202-125-BL TRIPPLITE-N202-125-BL Datasheet
153Kb / 2P
   Cat6 Gigabit Solid Conductor Snagless Patch Cable (RJ45 M/M) - Blue, 125-ft.
More results

Similar Description - N202-200-BL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N201-005-BL TRIPPLITE-N201-005-BL Datasheet
502Kb / 4P
   Cat6 Gigabit Snagless Molded Patch Cable
N201-050-RD TRIPPLITE-N201-050-RD Datasheet
484Kb / 3P
   Cat6 Gigabit Snagless Molded Patch Cable
N202-075-BL TRIPPLITE-N202-075-BL Datasheet
154Kb / 2P
   Cat6 Gigabit Solid Conductor Snagless Patch Cable (RJ45 M/M) - Blue, 75-ft.
N202-025-BL TRIPPLITE-N202-025-BL Datasheet
154Kb / 2P
   Cat6 Gigabit Solid Conductor Snagless Patch Cable (RJ45 M/M) - Blue, 25-ft.
N202-175-BL TRIPPLITE-N202-175-BL Datasheet
153Kb / 2P
   Cat6 Gigabit Solid Conductor Snagless Patch Cable (RJ45 M/M) - Blue, 175-ft.
N202-125-BL TRIPPLITE-N202-125-BL Datasheet
153Kb / 2P
   Cat6 Gigabit Solid Conductor Snagless Patch Cable (RJ45 M/M) - Blue, 125-ft.
N202-050-BL TRIPPLITE-N202-050-BL Datasheet
154Kb / 2P
   Cat6 Gigabit Solid Conductor Snagless Patch Cable (RJ45 M/M) - Blue, 50-ft.
N202-100-BL TRIPPLITE-N202-100-BL Datasheet
154Kb / 2P
   Cat6 Gigabit Solid Conductor Snagless Patch Cable (RJ45 M/M) - Blue, 100-ft.
N202-150-BL TRIPPLITE-N202-150-BL Datasheet
154Kb / 2P
   Cat6 Gigabit Solid Conductor Snagless Patch Cable (RJ45 M/M) - Blue, 150-ft.
N201-014-GN TRIPPLITE-N201-014-GN Datasheet
160Kb / 3P
   Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Green, 14-ft.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com