Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3348 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SK3348
Description  Silicon N Channel MOS FET High Speed Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3348 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SK3348 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3348 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3348 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3348 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3348 Datasheet HTML 5Page - Hitachi Semiconductor 2SK3348 Datasheet HTML 6Page - Hitachi Semiconductor 2SK3348 Datasheet HTML 7Page - Hitachi Semiconductor 2SK3348 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK3348
4
Static Drain to Source on State
Resistance vs. Drain Current
Forward Transfer Admittance
vs. Drain Current
0
24
6
810
Gate to Source Voltage
V
(V)
GS
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
1.0
0.8
0.6
0.4
0.2
Pulse Test
I
= 100 mA
D
10 mA
50 mA
5
4
3
2
1
–40
0
40
80
120
160
0
V
=2.5V
GS
10m A,50m A,100mA
Case Temperature
Tc
( °C)
Static Drain to Source on State
Resistance vs. Temperature
I
= -50m A
D
4V
-10m A
Pulse Test
100m A
Drain Current
I
(A)
D
0.01
10
0.1
0.1
1.0
1.0
V
= 2.5 V
GS
4 V
Pulse Test
0.2
0.5
2
5
0.02
0.05
0.2
0.5
Drain Current I
(A)
D
0.01
0.1
1.0
1.0
0.1
0.01
0.001
Tc = –25 °C
25 °C
75°C
V
= 10 V
Pulse Test
DS
0.02
0.05
0.2
0.5
0.002
0.005
0.02
0.05
0.2
0.5


Similar Part No. - 2SK3348

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3348 RENESAS-2SK3348 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
More results

Similar Description - 2SK3348

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3288 HITACHI-2SK3288 Datasheet
39Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
2SK3380 HITACHI-2SK3380 Datasheet
26Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
logo
Sanyo Semicon Device
FW306 SANYO-FW306 Datasheet
17Kb / 2P
   N- Channel Silicon MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3287 RENESAS-2SK3287 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SK3289 HITACHI-2SK3289 Datasheet
27Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3289 RENESAS-2SK3289 Datasheet
44Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3378 RENESAS-2SK3378 Datasheet
140Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 RENESAS-2SK3348 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
2SK3349 RENESAS-2SK3349 Datasheet
97Kb / 12P
   Silicon N Channel MOS FET High Speed Switching
June 1999
logo
Hitachi Semiconductor
2SK3287 HITACHI-2SK3287 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com