Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8018010PSG Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z8018010PSG
Description  Microprocessor Unit
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018010PSG Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z8018010PSG Datasheet HTML 2Page - Zilog, Inc. Z8018010PSG Datasheet HTML 3Page - Zilog, Inc. Z8018010PSG Datasheet HTML 4Page - Zilog, Inc. Z8018010PSG Datasheet HTML 5Page - Zilog, Inc. Z8018010PSG Datasheet HTML 6Page - Zilog, Inc. Z8018010PSG Datasheet HTML 7Page - Zilog, Inc. Z8018010PSG Datasheet HTML 8Page - Zilog, Inc. Z8018010PSG Datasheet HTML 9Page - Zilog, Inc. Z8018010PSG Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
PS014004-1106
Z80180
Microprocessor Unit
vi
DMA Source Address Register Channel 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
DMA Source Address Register, Channel 0L . . . . . . . . . . . . . . . . . . . . . . . . 54
DMA Source Address Register, Channel 0H . . . . . . . . . . . . . . . . . . . . . . . 55
DMA Source Address Register Channel 0B . . . . . . . . . . . . . . . . . . . . . . . . 55
DMA Destination Address Register Channel 0 . . . . . . . . . . . . . . . . . . . . . . . . . 55
DMA Destination Address Register Channel 0L . . . . . . . . . . . . . . . . . . . . . 56
DMA Destination Address Register Channel 0H . . . . . . . . . . . . . . . . . . . . . 56
DMA Destination Address Register Channel 0B . . . . . . . . . . . . . . . . . . . . . 56
DMA Byte Count Register Channel 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
DMA Byte Count Register Channel 0L . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
DMA Byte Count Register Channel 0H . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
DMA Byte Count Register Channel 1L . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
DMA Byte Count Register Channel 1H . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
DMA Memory Address Register Channel 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
DMA Memory Address Register, Channel 1L . . . . . . . . . . . . . . . . . . . . . . . 59
DMA Memory Address Register, Channel 1H . . . . . . . . . . . . . . . . . . . . . . . 60
DMA Memory Address Register, Channel 1B . . . . . . . . . . . . . . . . . . . . . . . 60
DMA I/O Address Register Channel 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
DMA I/O Address Register Channel 1L . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
DMA I/O Address Register Channel 1H . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
DMA I/O Address Register Channel 1B . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
DMA Status Register (DSTAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
DMA Mode Register (DMODE) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
DMA/WAIT Control Register (DCNTL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Interrupt Vector Low Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Int/TRAP Control Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Refresh Control Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
MMU Common Base Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
MMU Bank Base Register (BBR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
MMU Common/Bank Area Register (CBAR) . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
Operation Mode Control Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
I/O Control Register (ICR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
Package Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
Codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
Customer Support . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79


Similar Part No. - Z8018010PSG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8018010PSC ZILOG-Z8018010PSC Datasheet
387Kb / 70P
   ENHANCED Z180 MICROPROCESSOR
Z8018010PSC ZILOG-Z8018010PSC Datasheet
1Mb / 124P
   Microprocessor Unit
Z8018010PSC ZILOG-Z8018010PSC Datasheet
1Mb / 326P
   Family MPU
Z8018010PSC ZILOG-Z8018010PSC Datasheet
1,007Kb / 85P
   Microprocessor Unit
Z8018010PSC ZILOG-Z8018010PSC Datasheet
1,007Kb / 85P
   Microprocessor Unit
More results

Similar Description - Z8018010PSG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80180 ZILOG-Z80180 Datasheet
1Mb / 124P
   Microprocessor Unit
logo
List of Unclassifed Man...
Z8018006VSG ETC2-Z8018006VSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
logo
Zilog, Inc.
Z8018010FSG ZILOG-Z8018010FSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
logo
InnovASIC, Inc
IA6805E2 INNOVASIC-IA6805E2_07 Datasheet
344Kb / 33P
   Microprocessor Unit
IA6805E2 INNOVASIC-IA6805E2 Datasheet
286Kb / 31P
   Microprocessor Unit
logo
Zilog, Inc.
Z8018010VSG ZILOG-Z8018010VSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
Z8018008VSG ZILOG-Z8018008VSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
logo
Raltron Electronics Cor...
A-6.176-18.5 RALTRON-A-6.176-18.5 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-12.000-20 RALTRON-A-12.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-25.000-14 RALTRON-A-25.000-14 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com