Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4R192CPE6C-845 Datasheet(PDF) 1 Page - NEC

Part # MC-4R192CPE6C-845
Description  Direct Rambus DRAM RIMM Module 192M-BYTE 96M-WORD x 16-BIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-4R192CPE6C-845 Datasheet(HTML) 1 Page - NEC

  MC-4R192CPE6C-845 Datasheet HTML 1Page - NEC MC-4R192CPE6C-845 Datasheet HTML 2Page - NEC MC-4R192CPE6C-845 Datasheet HTML 3Page - NEC MC-4R192CPE6C-845 Datasheet HTML 4Page - NEC MC-4R192CPE6C-845 Datasheet HTML 5Page - NEC MC-4R192CPE6C-845 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2000
MOS INTEGRATED CIRCUIT
MC-4R192CPE6C
Direct Rambus
TM DRAM RIMMTM Module
192M-BYTE (96M-WORD x 16-BIT)
PRELIMINARY DATA SHEET
Document No.
M14808EJ2V0DS00 (2nd edition)
Date Published August 2000 NS CP (K)
Printed in Japan
The mark 5
5
5
5 shows major revised points.
Description
The Direct Rambus RIMM module is a general-purpose high-performance memory module subsystem suitable for
use in a broad range of applications including computer memory, personal computers, workstations, and other
applications where high bandwidth and low latency are required.
MC-4R192CPE6C modules consists of twelve 128M Direct Rambus DRAM (Direct RDRAM™) devices
(
µPD488448). These are extremely high-speed CMOS DRAMs organized as 8M words by 16 bits. The use of
Rambus Signaling Level (RSL) technology permits 600MHz, 711MHz or 800MHz transfer rates while using
conventional system and board design technologies.
Direct RDRAM devices are capable of sustained data transfers at 1.25 ns per two bytes (10 ns per sixteen bytes).
The architecture of the Direct RDRAM enables the highest sustained bandwidth for multiple, simultaneous,
randomly addressed memory transactions. The separate control and data buses with independent row and column
control yield over 95 % bus efficiency. The Direct RDRAM's 32 banks support up to four simultaneous transactions
per device.
Features
• 184 edge connector pads with 1mm pad spacing
• 192 MB Direct RDRAM storage
• Each RDRAM® has 32 banks, for 384 banks total on module
• Gold plated contacts
• RDRAMs use Chip Scale Package (CSP)
• Serial Presence Detect support
• Operates from a 2.5 V supply
• Low power and powerdown self refresh modes
• Separate Row and Column buses for higher efficiency
• Over Drive Factor (ODF) support


Similar Part No. - MC-4R192CPE6C-845

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
MC-4R128CEE6B-653 NEC-MC-4R128CEE6B-653 Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
MC-4R128CEE6B-745 NEC-MC-4R128CEE6B-745 Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
MC-4R128CEE6B-845 NEC-MC-4R128CEE6B-845 Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
MC-4R128CEE6C NEC-MC-4R128CEE6C Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
More results

Similar Description - MC-4R192CPE6C-845

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4R96CPE6C NEC-MC-4R96CPE6C Datasheet
131Kb / 6P
   Direct Rambus DRAM RIMM Module 96M-BYTE 48M-WORD x 16-BIT
MC-4R96CEE6B NEC-MC-4R96CEE6B Datasheet
127Kb / 16P
   Direct Rambus DRAM RIMM Module 96M-BYTE 48M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE6D-840 ELPIDA-MC-4R128FKE6D-840 Datasheet
497Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R512FKE6D ELPIDA-MC-4R512FKE6D Datasheet
132Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
MC-4R128FKE6D ELPIDA-MC-4R128FKE6D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R256FKE6D-840 ELPIDA-MC-4R256FKE6D-840 Datasheet
490Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R64CPE6C NEC-MC-4R64CPE6C Datasheet
130Kb / 6P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com