Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2-3D1215H5 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # T2-3D1215H5
Description  DC/DC CONVERTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

T2-3D1215H5 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  T2-3D1215H5 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-2011-06-13-
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
BOTTOM
VIEW
0.80
(20.3)
0.60
(15.2)
1.25
(31.8)
0.10
(2.5)
24
0.08
(2.0)
1
13
0.15 MIN.
(3.8)
12
PIN SIZE: 0.02 (0.5) DIA.
ALL DIMENSIONS IN INCHES (mm)
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage Range................................................±10%
Input Filter............................................................Pi Filter
OUTPUT SPECIFICATIONS
Voltage Accuracy.............................................±2%, Max.
Voltage Balance, Balance Load......................±2%, Max.
Line Regulation.............................................±0.5%, Max.
Load Regulation, FL-10%FL. ........................±0.5%, Max.
Ripple and Noise, 20MHz BW................75 mVp-p, Max.
Short Circuit Protection..................................Continuous
Temperature Coefficient..........................±0.02%/C, Max.
GENERAL SPECIFICATIONS
Efficiency.................................................60-75%, Typ.
Isolation Voltage, Input to Output...........5,200 VDC, Min.
Isolation Resistance, 500 VDC................1,000 M
Ω, Min.
Isolation Capacitance....................................60pF, Typ.
Switching Frequency..............Single Output, 40 kHz, Typ.
Dual Output, 300 kHz, Typ.
Operating Temperature, No Derating.........-25°C to +80°C
Storage Temperature Range..................-40°C to +125°C
Cooling...........................................Free Air Convection
MTBF per MIL-HDBK-217F @25°C.............. > 3M Hours
Weight.........................................0.44 oz. (12.5 grams)
Case Material....................Non-Conductive Black Plastic
1,2
10,11
12
13
15
23,24
PIN CONNECTIONS
DUAL
SINGLE
PIN
+V Input
No Pin
-V Output
+V Output
No Pin
-V Input
+V Input
Common
No Pin
-V Output
+V Output
-V Input
0.40
(10.2)
T2-H5 Series
5.2K VDC Isolation, 1.5-3 Watts
TRUMPower
DC/DC CONVERTERS
T
1.5W
1.5W
1.5W
1.5W
1.5W
1.5W
2W
2W
2W
2W
2W
2W
3W
3W
3W
3W
3W
3W
24 VDC IN
48 VDC IN
12 VDC IN
5 VDC IN
OUTPUT
POWER
MODEL NUMBER
300 mA
125 mA
100 mA
±150 mA
±63 mA
±50 mA
400 mA
167 mA
133 mA
±200 mA
±83 mA
±67 mA
600 mA
250 mA
200 mA
±300 mA
±125 mA
±100 mA
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
OUTPUT
CURRENT
OUTPUT
VOLTAGE
T2-1S0505H5
T2-1S0512H5
T2-1S0515H5
T2-1D0505H5
T2-1D0512H5
T2-1D0515H5
T2-2S0505H5
T2-2S0512H5
T2-2S0515H5
T2-2D0505H5
T2-2D0512H5
T2-2D0515H5
T2-3S0505H5
T2-3S0512H5
T2-3S0515H5
T2-3D0505H5
T2-3D0512H5
T2-3D0515H5
T2-1S1205H5
T2-1S1212H5
T2-1S1215H5
T2-1D1205H5
T2-1D1212H5
T2-1D1215H5
T2-2S1205H5
T2-2S1212H5
T2-2S1215H5
T2-2D1205H5
T2-2D1212H5
T2-2D1215H5
T2-3S1205H5
T2-3S1212H5
T2-3S1215H5
T2-3D1205H5
T2-3D1212H5
T2-3D1215H5
T2-1S2405H5
T2-1S2412H5
T2-1S2415H5
T2-1D2405H5
T2-1D2412H5
T2-1D2415H5
T2-2S2405H5
T2-2S2412H5
T2-2S2415H5
T2-2D2405H5
T2-2D2412H5
T2-2D2415H5
T2-3S2405H5
T2-3S2412H5
T2-3S2415H5
T2-3D2405H5
T2-3D2412H5
T2-3D2415H5
T2-1S4805H5
T2-1S4812H5
T2-1S4815H5
T2-1D4805H5
T2-1D4812H5
T2-1D4815H5
T2-2S4805H5
T2-2S4812H5
T2-2S4815H5
T2-2D4805H5
T2-2D4812H5
T2-2D4815H5
T2-3S4805H5
T2-3S4812H5
T2-3S4815H5
T2-3D4805H5
T2-3D4812H5
T2-3D4815H5
Other input/output combinations available.


Similar Part No. - T2-3D1215H5

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
T2-3D1215H5 TRUMPOWER-T2-3D1215H5 Datasheet
24Kb / 1P
   DC/DC CONVERTERS 5.2K VDC Isolation, 1.5-3 Watts
More results

Similar Description - T2-3D1215H5

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com