Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3RE-48-120 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # 3RE-48-120
Description  120 WATT POWER ADAPTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

3RE-48-120 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  3RE-48-120 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower 3RE-48-120 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNIVERSAL INPUT
3RE SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Output
Maximum
Product No.
Vnom.
Imax.
Imin.
To l .
Output Po w e r
3RE-12-96
12V
8.0A
0A
5%
96W
3RE-15-105
15V
7.0A
0A
5%
105W
3RE-18-120
18V
6.67A
0A
5%
120W
3RE-19-120
19V
6.32A
0A
5%
120W
3RE-20-120
20V
6.0A
0A
5%
120W
3RE-24-120
24V
5.0A
0A
5%
120W
3RE-30-120
30V
4.0A
0A
5%
120W
3RE-36-120
36V
3.34A
0A
5%
120W
3RE-48-120
48V
2.5A
0A
5%
120W
NOTE:
Ripple and noise: Peak-to-peak with 20MHz bandwidth and 10µF tantalum capacitor in parallel with a 0.1F ceramic capacitor at rated
line voltage and load ranges.
MECHANICAL SPECIFICATIONS
NOTES:
1. Dimensions shown in inch [mm]
2. Tolerance 0.02 [0.5] maximum
3. Weight: 621 grams approx.
4. Standard output connector is a 4-pin power DIN plug. Please consult TRUMPower for other connector options.
PIN CHART
1
2
3
4
SHELL O F
CONNECT OR
3RE-12-96
3RE-18-120
3RE-20-120
3RE-30-120
3RE-48-120
3RE-15-105
3RE-19-120
3RE-24-120
3RE-36-120
Return
Output +V
Return
Output +V
DC Return &
AC Ground
PIN
Product No.
DC OUTPUT
PIN#
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com


Similar Part No. - 3RE-48-120

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
3RE-48-120 TRUMPOWER-3RE-48-120 Datasheet
226Kb / 2P
   120 WATT POWER ADAPTERS
More results

Similar Description - 3RE-48-120

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
3RE-12-96 TRUMPOWER-3RE-12-96 Datasheet
226Kb / 2P
   120 WATT POWER ADAPTERS
TMP120 TRUMPOWER-TMP120 Datasheet
178Kb / 2P
   120 WATT MEDICAL POWER ADAPTERS
3G TRUMPOWER-3G Datasheet
217Kb / 2P
   180 WATT POWER ADAPTERS
TUP110 TRUMPOWER-TUP110 Datasheet
183Kb / 2P
   110 WATT POWER ADAPTERS
3F-12-150 TRUMPOWER-3F-12-150 Datasheet
213Kb / 2P
   150 WATT POWER ADAPTERS
3G-18-180 TRUMPOWER-3G-18-180 Datasheet
217Kb / 2P
   180 WATT POWER ADAPTERS
3F TRUMPOWER-3F Datasheet
213Kb / 2P
   150 WATT POWER ADAPTERS
TMP150 TRUMPOWER-TMP150 Datasheet
172Kb / 2P
   150 WATT MEDICAL POWER ADAPTERS
TMP30 TRUMPOWER-TMP30 Datasheet
191Kb / 2P
   30 WATT MEDICAL POWER ADAPTERS
TMP110 TRUMPOWER-TMP110 Datasheet
169Kb / 2P
   110 WATT MEDICAL POWER ADAPTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com