Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G1020 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G1020
Description  Stay Connected with Heyco Bushings, Grommets, Bumpers Feet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G1020 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G1020 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“ S ta y C o n n e c te d w ith H e y c o ” Bushings, Grommets, Bumpers & Feet
Used to protect through holes.
Help eliminate sharp edges so your
wires are protected and add aesthetic
value to your application.
113 sizes available that will
accommodate mounting holes ranging
from .250˝ (6,4 mm) to holes as large
as 2.375˝ (60,3 mm) diameter and panel
thicknesses from .063˝ (1,6 mm)
to .188˝ (4,8 mm).
Rubber grommets are constructed of
SBR (unless otherwise noted) with an
operating temperature range of
-40°F (-40°C) to 221°F (105°C).
SBR grommets have good water
resistant characteristics and are suitable
for most moderate chemicals and wet
or dry organic acids.
Provide vibration dampening.
Heyco® Rubber Grommets
For Panels from .063˝ (1,6 mm) to .125˝ (3,2 mm) Thick
C
B
A
5-18
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Material
SBR, Nitrile or EPDM
Temperature Rating
-40°F (-40°C) to 221oF (105°C)
Quick
Specs
MOUNTING
PART NO.
DESCRIPTION
MATERIAL
PART DIMENSIONS
HOLE
AB
C
DIAMETER
Black
Inside
Head
Overall
Diameter
Diameter
Height
in.
mm.
in.
mm.
in.
mm.
in.
mm.
For .063˝ (1,6 mm) Thick Panels (continued)
1.750
44,5
G1369
RG 1750-48-2
SBR
1.500
38,1
2.125
54,0
.438
11,1
2.375
60,3
G1409
RG 2.375-40-2
Nitrile
1.250
31,8
2.750
69,9
.438
11,1
2.500
63,5
G1418
RG 2.5-40-2
Nitrile
1.250
31,8
2.875
73,0
.438
11,1
G1422
RG 2.5-68-2
SBR
2.125
54,0
For .078˝ (2,0 mm) Thick Panels
1.000
25,4
G1253
RG 1000-22-3
SBR
.688
17,5
1.313
33,4
.375
9,5
For .094˝ (2,4 mm) Thick Panels
.281
7,1
G1010
RG 281-6-3
SBR
.188
4,8
.438
11,1
.219
5,6
.312
7,9
G1014
RG 312-6-3
SBR
.188
4,8
.500
12,7
.281
7,1
G1033
RG 375-4-3
SBR
.125
3,2
.500
12,7
.313
8,0
.375
9,5
G1038
RG 375-8-3
SBR
.250
6,4
.500
12,7
.250
6,4
G1039
RG 375-8-3A
SBR
.250
6,4
.563
14,3
.281
7,1
.437
11,1
G1062
RG 437-10-3
SBR
.313
8,0
.625
15,9
.313
8,0
.750
19,1
G1178
RG 750-16-3
SBR
.500
12,7
.875
22,2
.344
8,7
G1179
RG 750-16-3A
SBR
.500
12,7
.969
24,6
.281
7,1
1.125
28,6
G1281
RG 1125-28-3
SBR
.875
22,2
1.500
38,1
.344
8,7
2.000
50,8
G1387
RG 2000-48-3
SBR
1.500
38,1
2.375
60,3
.375
9,5
For .110˝ (2,8 mm) Thick Panels
.630
16,0
G1140
RG 630-16-3
SBR
.500
12,7
.810
20,6
.300
7,6
For .125˝ (3,2 mm) Thick Panels
.312
7,9
G1020
RG 312-6-4
SBR
.188
4,8
.438
11,8
.250
6,4
.406
10,3
G1047
RG 406-9-4
SBR
.281
7,1
.625
15,9
.375
9,5
.437
11,1
G1056
RG 437-8-4
SBR
.250
6,4
.625
15,9
.250
6,4
.500
12,7
G1092
RG 500-12-4
SBR
.375
9,5
.625
15,9
.313
8,0
G1093
RG 500-12-4A
SBR
.375
9,5
.625
15,9
.406
10,3
.562
14,3
G1114
RG 562-10-4
SBR
.313
8,0
.813
20,7
.375
9,5
.625
15,9
G1127
RG 625-6-4
Nitrile
.188
4,8
.875
22,2
.250
6,4
G1132
RG 625-12-4
SBR
.375
9,5
.875
22,2
.375
9,5
.687
17,5
G1152
RG 687-14-4
SBR
.438
11,1
.938
23,8
.375
9,5
G1188
RG 812-12-4
SBR
.375
9,5
1.063
27,0
.812
20,6
G1193
RG 812-16-4
SBR
.500
12,7
1.063
27,0
.375
9,5
G1198
RG 812-18-4
SBR
.563
14,3
1.063
27,0
.875
22,2
G1218
RG 875-20-4
SBR
.625
15,9
1.125
28,6
.375
9,5
G1244
RG 1000-12-4
SBR
.375
9,5
1.250
31,8
.313
8,0
G1247
RG 1000-16-4
SBR
.500
12,7
1.250
31,8
.313
8,0
1.000
25,4
G1255
RG 1000-22-4
SBR
.688
17,5
1.313
33,4
.438
11,1
G1259
RG 1000-24-4
EPDM
.750
19,1
1.188
30,2
.375
9,5
G1260
RG 1000-24-4A
SBR
.750
19,1
1.250
31,8
G1291
RG 1250-16-4
SBR
.500
12,7
1.500
38,1
.313
8,0
1.250
31,8
G1299
RG 1250-24-4
SBR
.750
19,1
1.625
41,3
G1304
RG 1250-28-4
SBR
.875
22,2
1.625
41,3
.500
12,7
Standard color black.
NEW
!
NEW
!


Similar Part No. - G1020

ManufacturerPart #DatasheetDescription
logo
Heyco.
G1020 HEYCO-G1020 Datasheet
77Kb / 1P
   Rubber Grommets
More results

Similar Description - G1020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G1123 ETC2-G1123 Datasheet
80Kb / 2P
   Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
774 ETC2-774 Datasheet
362Kb / 1P
   GROMMETS , BUSHINGS
G1329 ETC2-G1329 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1423 ETC2-G1423 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1349 ETC2-G1349 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
1063 HEYCO-1063 Datasheet
172Kb / 1P
   Heyco® Liquid Tight Strain Relief Bushings
1853 HEYCO-1853 Datasheet
159Kb / 1P
   Heyco® RDD Lockit™ Strain Relief Bushings – Straight-Thru
logo
Richco, Inc.
RBS-15 RICHCO-RBS-15 Datasheet
185Kb / 1P
   RICHCO BUMPERS
logo
List of Unclassifed Man...
561-MP2L10 ETC2-561-MP2L10 Datasheet
221Kb / 3P
   Strain Relief Bushings
logo
Richco, Inc.
PGSB-24 RICHCO-PGSB-24 Datasheet
137Kb / 1P
   SNAP BUSHINGS CLOSED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com