Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M4D3040 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # M4D3040
Description  4-WAY POWER DIVIDER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

M4D3040 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  M4D3040 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION M4D3040 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION M4D3040 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3000 - 4000 MHz
WIDE BANDWIDTH
4-WAY POWER DIVIDER
SURFACE MOUNT MODEL: M4D3040
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
[ 1 of 3 ]
FEATURES:
Excellent Performance
Wide Bandwidth
Small Size, Surface Mount
Moderate Power
Lead Free RoHS Compliant
Patented REL-PRO® Technology
APPLICATIONS:
Signal Splitting & Low Power Combining
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
3000
3100
3200
3300
3400
3500
3600
3700
3800
3900
4000
Frequency (MHz)
In - Out 2
In - Out 3
In - Out 4
In - Out 5
SPECIFICATIONS
Frequency
3000 - 4000 MHz
Insertion Loss (dB) *
Typ.
Max.
1.0
1.7
Isolation (dB)
Typ.
Min.
20
15
Phase Unbalance
Typ.
Max.
4.0º
8.0º
Amplitude Unbalance (dB)
Typ.
Max.
0.2
0.5
Input Power **
1 Watt (Max.)
VSWR
1.3:1 (Typ.)
Impedance
50 Ohms (Nom.)
Operating Temperature Range -40 to +85 °C
* Above 6.0 dB theoretical split loss.
** Handling power applies to splitter mode and assumes ideal 50 Ohms
impedance matching on all ports.
Package #
358
PORT CONFIgURATION
Input
Output
GND
1
2,3,4,5
All Others


Similar Part No. - M4D3040

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
M4D3236 SYNERGY-M4D3236 Datasheet
363Kb / 3P
   4-WAY POWER DIVIDER
More results

Similar Description - M4D3040

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABPDC-4-S-698-2700MHZ ABRACON-ABPDC-4-S-698-2700MHZ Datasheet
5Mb / 4P
   4 Way Power Divider
12.04.15
logo
SYNERGY MICROWAVE CORPO...
SD-4-1 SYNERGY-SD-4-1 Datasheet
266Kb / 3P
   4-WAY POWER DIVIDER
M4D1626 SYNERGY-M4D1626 Datasheet
408Kb / 3P
   4-WAY POWER DIVIDER
M4D3236 SYNERGY-M4D3236 Datasheet
363Kb / 3P
   4-WAY POWER DIVIDER
logo
M/A-COM Technology Solu...
MAPD-007246-ES4700 MA-COM-MAPD-007246-ES4700_15 Datasheet
60Kb / 2P
   4-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
SPD-69-270 SYNERGY-SPD-69-270 Datasheet
363Kb / 3P
   4-Way Power divider
logo
American Accurate Compo...
JXWBGF-T-4-450-890 AAC-JXWBGF-T-4-450-890 Datasheet
60Kb / 1P
   4-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
SPD-5-2000 SYNERGY-SPD-5-2000 Datasheet
395Kb / 3P
   4-WAY POWER DIVIDER
logo
American Accurate Compo...
JXWBGF-T-4-9.0-9.6 AAC-JXWBGF-T-4-9.0-9.6 Datasheet
44Kb / 1P
   4-Way Power Divider
JXWBGF-T-4-800-1300 AAC-JXWBGF-T-4-800-1300 Datasheet
46Kb / 1P
   4-Way Power Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com