Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E528DN-100067 Datasheet(PDF) 1 Page - TOKO, Inc

Part # E528DN-100067
Description  Close Wound
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

E528DN-100067 Datasheet(HTML) 1 Page - TOKO, Inc

  E528DN-100067 Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Molded Coils モールドコイル
TYPE
MC122
8Max.
10.2Max. 3.3
3.3
φ0.5
(Unit: mm)
E528SNAS-100072
1.5
White
0.03
60
100
78.5
± 3%
Yes
E528SNAS-100073
2.5
Red
0.05
80
100
48.5
± 4%
Yes
E528SNAS-100074
3.5
Orange
0.08
90
100
32.5
± 6%
Yes
E528SNAS-100075
4.5
Yellow
0.10
90
100
23.5
± 6%
Yes
E528SNAS-100076
5.5
Green
0.15
90
100
17.0
± 6%
Yes
7.5Max.
10Max. 3.3
φ0.5
MC122
Close Wound
Frequency Range: 30MHz~250MHz(1)
Inductance Range: 0.03~0.45µH
Temperature Coefficient: 150ppm/°C, Max.
(Unit: mm)
Features
• Popular low profile for applications requiring 10mm high
maximum, device. Designed with single close winding
without tap.
• Terminal locations are same as 7P/7KM series.
• Adjustment is possible from either end.
• Shield case available.
特  長
7mm角の標準形状で、7P/7KMなどと同一パターンにて使用
できる
小型化した高さ10mm
シールドケース取付可能品も取揃え
上下調整が可能
TYPE MC122
東光品番
巻数(2)
色表示コード
インダクタンス(3)
Q
測定周波数
同調容量範囲(4)
シールドケース有無
TOKO
Part
Number
Winding(2)
Color
Code
Inductance L(3)
(µH)
Q
Min.
Test
Frequency
(MHz)
Tuning
Capacitance(4)
Range (pF)
Shield
Case
E528DNAS-100077
3.5
Orange
0.08
70
57
100
± 6%
Yes
E528DNAS-100078
4.5
Yellow
0.10
70
57
76.5
± 6%
Yes
E528DNAS-100079
5.5
Green
0.13
70
57
59.0
± 6%
Yes
E528DNAS-100080
6.5
Blue
0.16
70
57
49.0
± 6%
Yes
E528DNAS-100081
7.5
Violet
0.20
70
57
38.5
± 6%
Yes
E528DNAS-100082
8.5
White
0.23
60
45
55.5
± 8%
Yes
E528DNAS-100083
9.5
Red
0.25
60
45
50.0
± 8%
Yes
E528DNAS-100084
10.5
Orange
0.29
60
45
43.5
± 6%
Yes
E528SN-100059
1.5
White
0.03
90
100
72.0
± 3%
No
E528SN-100060
2.5
Red
0.06
110
100
42.0
± 6%
No
E528SN-100061
3.5
Orange
0.10
120
100
26.5
± 8%
No
E528SN-100062
4.5
Yellow
0.14
120
100
18.5
± 8%
No
E528SN-100063
5.5
Green
0.20
110
100
13.0
± 8%
No
E528DN-100064
3.5
Orange
0.09
100
57
85.0
± 8%
No
E528DN-100065
4.5
Yellow
0.13
100
57
60.0
± 8%
No
E528DN-100066
5.5
Green
0.17
100
57
44.0
± 8%
No
E528DN-100067
6.5
Blue
0.21
100
57
36.5
± 8%
No
E528DN-100068
7.5
Violet
0.29
90
57
27.0
± 6%
No
E528DN-100069
8.5
White
0.31
80
45
39.5
± 6%
No
E528DN-100070
9.5
Red
0.38
80
45
33.0
± 6%
No
E528DN-100071
10.5
Orange
0.45
70
45
28.0
± 5%
No
SELECTION GUIDE FOR STANDARD COILS
(1) Alternate use of an aluminum core with listed items will increase the
usable frequency range of any specific coil form. However, inductance is
reduced. These cores may also be substituted for ferrite as a means of
lowering Q.
(2) Max. freq. E528DN...80MHz. E528SN...120MHz.
(3) Inductance values for reference only.
(4) Minimum inductance core position (71/2T to 101/2T) 2 turns off from top of
bobbin or metal can.
(1) アルミニウムコアを代替として使用すれば、使用可能周波数範囲は増加しますが、
インダクタンスは減少します。Qを下げる手段としてこれらのコアをフェライトの
代わりに使用することも可能です。
(2) 最大周波数 E528DN 80MHz、E528SN 120MHz
(3) インダクタンス値は、参考値です。
(4) コア付最小インダクタンス位置 (71/2Tから101/2T)は、シールドケースまたはボビン
の最上部から2ターン離れたところです。


Similar Part No. - E528DN-100067

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E5282-3007B1-L PULSE-E5282-3007B1-L Datasheet
63Kb / 1P
   TOP ENTRY PCB JACK 8P SMT
E5282-3007B3-L PULSE-E5282-3007B3-L Datasheet
63Kb / 1P
   TOP ENTRY PCB JACK 8P SMT
E5282-3007B5-L PULSE-E5282-3007B5-L Datasheet
63Kb / 1P
   TOP ENTRY PCB JACK 8P SMT
E5282-300BB1-L PULSE-E5282-300BB1-L Datasheet
63Kb / 1P
   TOP ENTRY PCB JACK 8P SMT
E5282-300BB3-L PULSE-E5282-300BB3-L Datasheet
63Kb / 1P
   TOP ENTRY PCB JACK 8P SMT
More results

Similar Description - E528DN-100067

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
38999 GLENAIR-38999 Datasheet
194Kb / 2P
   Close-Tolerance Connectors
logo
EUROQUARTZ limited
XO95MK EUROQUARTZ-XO95MK Datasheet
240Kb / 2P
   Close Tolerance SMD Oscillator
logo
Advantech Co., Ltd.
BB-WCHMS ADVANTECH-BB-WCHMS Datasheet
382Kb / 1P
   Door Open/Close Sensor Cable
logo
Reed Relays and Electro...
MC-1425-15-18 RRE-MC-1425-15-18 Datasheet
102Kb / 1P
   Miniature Close Differential Reed Switch
logo
EPCOS
B57861S0502F045 EPCOS-B57861S0502F045 Datasheet
62Kb / 3P
   Miniature Sensors, Close B Value Tolerance
logo
SHINMEI ELECTRIC CO., L...
LSB-1112A SHINMEI-LSB-1112A Datasheet
83Kb / 2P
   Normally close type leaf switch
logo
Adam Technologies, Inc.
MS2C-X ADAM-TECH-MS2C-X Datasheet
85Kb / 1P
   MINI SHUNT CLOSE TOP HEIGHT
logo
MultiDimension Technolo...
TMR7204 MULTIDIMENSION-TMR7204 Datasheet
623Kb / 4P
   C Series Open close Current Transducer
V1.0a
logo
SUYIN USA, INC.
010164FR SUYIN-USA-010164FR Datasheet
164Kb / 1P
   3.5mm EARPHONE JACK (NORMAL CLOSE TYPE)
logo
Littelfuse
DRR-129 LITTELFUSE-DRR-129 Datasheet
501Kb / 2P
   DRR-129 50.8mm Close-Differential Reed Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com