Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC5BU-24S15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EC5BU-24S15
Description  15 WATT 2 1 INPUT DC-DC CONVERTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC5BU-24S15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EC5BU-24S15 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC5BU-24S15 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC5BU-24S15 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EC5BU
15 WATT 2:1 INPUT
DC-DC CONVERTERS
S
E
R
I
E
S
49
MODEL
NUMBER
EC5BU-12S33
EC5BU-12S05
EC5BU-12S12
EC5BU-12S15
EC5BU-12D05
EC5BU-12D12
EC5BU-12D15
EC5BU-24S33
EC5BU-24S05
EC5BU-24S12
EC5BU-24S15
EC5BU-24D05
EC5BU-24D12
EC5BU-24D15
EC5BU-48S33
EC5BU-48S05
EC5BU-48S12
EC5BU-48S15
EC5BU-48D05
EC5BU-48D12
EC5BU-48D15
9-18 VDC
18-36 VDC
36-75 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
0 mA
4000 mA
3000 mA
1250 mA
1000 mA
±1500mA
±625mA
±500mA
4000 mA
3000 mA
1250 mA
1000 mA
±1500mA
±625mA
±500mA
4000 mA
3000 mA
1250 mA
1000 mA
±1500mA
±625mA
±500mA
90 mA
85 mA
70 mA
70 mA
45 mA
45 mA
45 mA
50 mA
50 mA
20 mA
20 mA
25 mA
25 mA
25 mA
25 mA
30 mA
20 mA
20 mA
20 mA
20 mA
20 mA
1280 mA
1453 mA
1420 mA
1420 mA
1470mA
1436mA
1420mA
640 mA
718 mA
695 mA
695 mA
726 mA
710 mA
702 mA
320 mA
359 mA
347 mA
351 mA
363 mA
355 mA
351 mA
85
88
88
88
85
87
88
86
89
90
90
86
88
89
86
88
90
90
86
88
89
4000uF
3000uF
1330uF
1000uF
1470uF
660uF
550uF
4000uF
3000uF
1330uF
1000uF
1470uF
660uF
550uF
4000uF
3000uF
1330uF
1000uF
1470uF
660uF
550uF
% EFF.
Capacitor
Load max.
INPUT
VOLTAGE
OUTPUT CURRENT
INPUT CURRENT
NO LOAD
FULL LOAD
MIN.
MAX.
OUTPUT
VOLTAGE
NOTE: 1. Nominal Input Voltage 12, 24 or 48 VDC
• 15W Isolated Output
• Efficiency to 90%
• 2:1 Input Range
• Regulated Outputs
• Fixed Switching Frequency
• Input Under Voltage Protection
• Over Current Protection
Features
• Conductive EMI Meets EN55022 Class A
• Continuous Short Circuit Protection
• Without Tantalum Capacitors Inside
• CE Mark Meets 2004/108/EC
• Safety Meets UL60950-1, EN60950-1, and
IEC60950-1


Similar Part No. - EC5BU-24S15

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC5BU-24S15 CINCON-EC5BU-24S15 Datasheet
173Kb / 2P
   15 WATT 2:1 INPUT DC-DC CONVERTERS
More results

Similar Description - EC5BU-24S15

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC6-15S123.3 TRUMPOWER-TC6-15S123.3 Datasheet
23Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
EC3SB CINCON-EC3SB Datasheet
208Kb / 2P
   15 WATT 2:1 INPUT DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TD3-10S123.3 TRUMPOWER-TD3-10S123.3 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
EC5BU CINCON-EC5BU Datasheet
173Kb / 2P
   15 WATT 2:1 INPUT DC-DC CONVERTERS
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
   15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TD3WR-10S243.3 TRUMPOWER-TD3WR-10S243.3 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
EC5BW CINCON-EC5BW Datasheet
202Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5C CINCON-EC5C Datasheet
210Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com