Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B2XX-13-F Datasheet(PDF) 4 Page - Diodes Incorporated

Part # B2XX-13-F
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B2XX-13-F Datasheet(HTML) 4 Page - Diodes Incorporated

  B2XX-13-F Datasheet HTML 1Page - Diodes Incorporated B2XX-13-F Datasheet HTML 2Page - Diodes Incorporated B2XX-13-F Datasheet HTML 3Page - Diodes Incorporated B2XX-13-F Datasheet HTML 4Page - Diodes Incorporated B2XX-13-F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
B220/A - B260/A
Document number: DS13004 Rev. 21 - 2
4 of 5
www.diodes.com
April 2013
© Diodes Incorporated
B220/A - B260/A
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SMA
Dim
Min
Max
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.05
0.20
H
0.76
1.52
J
2.01
2.30
All Dimensions in mm
SMB
Dim
Min
Max
A
3.30
3.94
B
4.06
4.57
C
1.96
2.21
D
0.15
0.31
E
5.00
5.59
G
0.05
0.20
H
0.76
1.52
J
2.00
2.50
All Dimensions in mm
SMA
Dimensions Value (in mm)
C
4.00
G
1.50
X
2.50
X1
6.50
Y
1.70
SMB
Dimensions Value (in mm)
C
4.30
G
1.80
X
2.50
X1
6.80
Y
2.30
A
B
C
D
G
H
E
J
 
C
X 1
Y
G
X


Similar Part No. - B2XX-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B2xx-13-F DIODES-B2xx-13-F Datasheet
106Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. 16 - 2
B2xx-13-F DIODES-B2xx-13-F Datasheet
175Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B2xx-13-F DIODES-B2xx-13-F Datasheet
249Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B2XX-13-F DIODES-B2XX-13-F Datasheet
117Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - B2XX-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
logo
Won-Top Electronics
SK22 WTE-SK22 Datasheet
43Kb / 3P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B240A-13-F DIODES-B240A-13-F Datasheet
175Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com