Electronic Components Datasheet Search |
|
74130 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
74130 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page www.wihatools.com Wiha Quality Tools Germany 189 Phillips Double End Bits. 1/4” Hex Drive, Length 2.36”/60mm Item No. Size Size mm pkg. lbs. 714 04 1 x 1 60 10 .31 714 14 2 x 2 60 10 .31 714 24 3 x 3 60 10 .32 714 741 Phillips Power Bits 1/4” Hex Drive, Length 4.33”/110mm Item No. Size mm pkg. lbs. 741 11 1 110 10 .40 741 21 2 110 10 .56 741 31 3 110 10 .65 741 741 Phillips Power Bits 1/4” Hex Drive, 127mm/5” Item No. Size mm pkg. lbs. 741 13 1 127 1 .04 741 23 2 127 1 .06 741 33 3 127 1 .07 741 Phillips Power Bits 1/4” Hex Drive, 150mm/5.9” Item No. Size mm pkg. lbs. 741 16 1 150 1 .05 741 26 2 150 1 .07 741 36 3 150 1 .09 741 741 Phillips Power Bit Packs, 2 ” CVM S2 modified tool steel. Extra hard with natural finish. Exact fit machined tips. 3 pc. bit pack. 741 50 Set includes the following bits: Phillips Sizes: wt. .09 1, 2, 3 x 2” (50mm) 741 50 743 Slotted and Phillips Double End Bits 1/4” Hex Drive, Length 2.36”/60mm Item No. mm Size mm pkg. lbs. 743 03 4.5 x 1 60 10 .22 743 06 5.5 x 2 60 10 .30 743 09 7.0 x 3 60 10 .30 Wiha Phillips Insert Bits and Power Bits Phillips Long Insert Bits Packs, 2 ” CVM S2 modified tool steel Item No. Size mm lbs. 2 Bit Pack 711 65 1 50 .06 711 66 2 50 .06 711 67 3 50 .06 711 Phillips Power Bit Packs, 2 ” CVM S2 modified tool steel. Item No. Size mm lbs. 2 Bit Pack 741 64 1 50 .06 741 65 2 50 .06 741 66 3 50 .06 741 Slotted/Phillips Double End Power Bit Packs, 60mm OAL Item No. mm Size mm lbs. 2 Bit Pack 743 04 4.5 + 1 60 .07 743 08 5.5 + 2 60 .07 743 10 7.0 + 3 60 .07 743 Phillips Double End Power Bit Packs, 60mm OAL Item No. Size Size mm lbs. 2 Bit Pack 714 64 1 + 1 60 .07 714 65 2 + 2 60 .07 714 66 3 + 3 60 .07 714 I N D E X Go To Image Index Go To Numerical Index SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP Phillips Power Bits. 1/4” Hex Drive, Length 2.0”/50mm Item No. Size mm pkg. lbs. 741 03 150 10 .24 741 12 250 10 .25 741 24 350 10 .26 Phillips Power Bits. 1/4” Hex Drive, Length 2.75”/70mm Item No. Size mm pkg. lbs. 741 06 1 70 10 .29 741 15 2 70 10 .37 741 27 3 70 10 .41 Phillips Power Bits. 1/4” Hex Drive, Length 3.5”/90mm Item No. Size mm pkg. lbs. 741 09 1 90 10 .34 741 18 2 90 10 .47 741 30 3 90 10 .53 PREVIOUS NEXT |
Similar Part No. - 74130 |
|
Similar Description - 74130 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |