Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3000 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SK3000
Description  Silicon N Channel MOS FET Low Frequency Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3000 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SK3000 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3000 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3000 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3000 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3000 Datasheet HTML 5Page - Hitachi Semiconductor 2SK3000 Datasheet HTML 6Page - Hitachi Semiconductor 2SK3000 Datasheet HTML 7Page - Hitachi Semiconductor 2SK3000 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2SK3000
Silicon N Channel MOS FET
Low Frequency Power Switching
ADE-208-585 (Z)
1st. Edition
December 1997
Features
• Low on-resistance
R
DS(on) = 0. 25Ω typ. (VGS = 10 V, ID = 450 mA)
• 4V gate drive devices.
• Small package (MPAK)
• Expansive drain to source surge power capability
Outline
1
2
3
1. Source
2. Gate
3. Drain
MPAK
2
3
1
D
S
G


Similar Part No. - 2SK3000

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3000 RENESAS-2SK3000 Datasheet
119Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Guangdong Kexin Industr...
2SK3000-3 KEXIN-2SK3000-3 Datasheet
146Kb / 4P
   N-Channel Enhancement MOSFET
logo
Renesas Technology Corp
2SK3000 RENESAS-2SK3000_15 Datasheet
173Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
More results

Similar Description - 2SK3000

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK2802 HITACHI-2SK2802 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
2SK3000 RENESAS-2SK3000_15 Datasheet
173Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK3000 RENESAS-2SK3000 Datasheet
119Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK2570 RENESAS-2SK2570 Datasheet
172Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Hitachi Semiconductor
2SK2570 HITACHI-2SK2570 Datasheet
40Kb / 8P
   Silicon N-Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com