Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2980 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SK2980
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2980 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SK2980 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2980 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2980 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2980 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2980 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2980 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2980 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2980 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2980 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SK2980
4
Main Characteristics
0.1
1
10
1.0
0.8
0.6
0.4
0.2
0
2
468
10
1.0
0.8
0.6
0.4
0.2
0
12
34
5
1.6
1.2
0.8
0.4
0
50
100
150
200
4 V
3
1
0.3
0.1
0.03
0.01
0.3
3
30
10
30
100
100
Ta = 25 °C
10 µs
100 µs
1 ms
PW
=
10
ms
(1
shot)
2.5 V
V
= 1.5 V
GS
2 V
1.8 V
Tc = –25°C
75°C
25°C
Ambient Temperature
Ta (°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
V
= 10 V
Pulse Test
DS
Operation in
this area is
limited by R DS(on)
Test condition :
When using alumina ceramic board
(12.5 x 20 x 0.7 mm)
DC
Operation
Pulse Test


Similar Part No. - 2SK2980

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2980 RENESAS-2SK2980 Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2980ZZ-TL-E RENESAS-2SK2980ZZ-TL-E Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2980ZZ-TR-E RENESAS-2SK2980ZZ-TR-E Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK2980

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com