Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-45V8AB641KFA-A75 Datasheet(PDF) 6 Page - NEC

Part # MC-45V8AB641KFA-A75
Description  8M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-45V8AB641KFA-A75 Datasheet(HTML) 6 Page - NEC

  MC-45V8AB641KFA-A75 Datasheet HTML 1Page - NEC MC-45V8AB641KFA-A75 Datasheet HTML 2Page - NEC MC-45V8AB641KFA-A75 Datasheet HTML 3Page - NEC MC-45V8AB641KFA-A75 Datasheet HTML 4Page - NEC MC-45V8AB641KFA-A75 Datasheet HTML 5Page - NEC MC-45V8AB641KFA-A75 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Data Sheet M14619EJ2V0DS00
6
MC-45V8AB641
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
Parameter
Symbol Test condition
Grade MIN. MAX. Unit Notes
Operating current (Prefetch
ICC1PtRC
≥ tRC (MIN.)
-A75
600
mA
1
mode at one bank active)
Prefetch is executed one time during tRC.
-A10
520
Operating current (Restore
ICC1RtRC
≥ tRC (MIN.)
-A75
600
mA
1
mode at one bank active)
-A10
520
Precharge standby current
ICC2P
CKE
≤ VIL (MAX.), tCK = 15 ns
4.8
mA
in power down mode
ICC2PS CKE
≤ VIL (MAX.), tCK = ∞
4.8
Precharge standby current
ICC2NCKE
≥ VIH (MIN.), tCK = 15 ns, /CS ≥ VIH (MIN.),80
mA
in non power down mode
Input signals are changed one time during 30 ns.
ICC2NS CKE
≥ VIH (MIN.), tCK = ∞ , Input signals are stable.
40
Active standby current in
ICC3P
CKE
≤ VIL (MAX.), tCK = 15 ns
24
mA
power down mode
ICC3PS CKE
≤ VIL (MAX.), tCK = ∞
24
Active standby current in
ICC3NCKE
≥ VIH (MIN.), tCK = 15 ns, /CS ≥ VIH (MIN.),
120
mA
non power down mode
Input signals are changed one time during 30 ns.
ICC3NS CKE
≥ VIH (MIN.), tCK = ∞, Input signals are stable.
80
Operating current
ICC4
tCK
≥ tCK (MIN.), IO = 0 mA
-A75
300
mA
2
(Burst mode)
Background : precharge standby
-A10
300
Auto Refresh current
ICC5
tRCF
≥ tRCF (MIN.)
-A75
920
mA
3
-A10
880
Self refresh current
ICC6
CKE
≤ 0.2 V-A75
8
mA
-A10
8
Input leakage current
II (L)
VI = 0 to 3.6 V, All other pins not under test = 0 V
–4
+4
µA
Output leakage current
IO (L)
DOUT is disabled, VO = 0 to 3.6 V
–1.5 +1.5
µA
High level output voltage
VOH
IO = – 4.0 mA
2.4
V
Low level output voltage
VOL
IO = + 4.0 mA
0.4
V
Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK (MIN.).
2.ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK (MIN.).
3. ICC5 is measured on condition that addresses are changed only one time during tCK (MIN.).


Similar Part No. - MC-45V8AB641KFA-A75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-45V8AB642KS ELPIDA-MC-45V8AB642KS Datasheet
150Kb / 16P
   8M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
MC-45V8AB642KS-A75 ELPIDA-MC-45V8AB642KS-A75 Datasheet
150Kb / 16P
   8M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
More results

Similar Description - MC-45V8AB641KFA-A75

ManufacturerPart #DatasheetDescription
logo
NEC
MC-45V16AD641 NEC-MC-45V16AD641 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB646 NEC-MC-458CB646 Datasheet
198Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CB646 ELPIDA-MC-458CB646 Datasheet
149Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-458CB647 NEC-MC-458CB647 Datasheet
190Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CB647 ELPIDA-MC-458CB647 Datasheet
145Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AB642 ELPIDA-MC-45V16AB642 Datasheet
156Kb / 16P
   16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-458CA727 NEC-MC-458CA727 Datasheet
198Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CA727 ELPIDA-MC-458CA727 Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA726 ELPIDA-MC-458CA726 Datasheet
159Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-458CA726 NEC-MC-458CA726 Datasheet
207Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com