Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUET812018CH02 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TUET812018CH02
Description  T8 Leds Tube Light Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TUET812018CH02 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  TUET812018CH02 Datasheet HTML 1Page - List of Unclassifed Manufacturers TUET812018CH02 Datasheet HTML 2Page - List of Unclassifed Manufacturers TUET812018CH02 Datasheet HTML 3Page - List of Unclassifed Manufacturers TUET812018CH02 Datasheet HTML 4Page - List of Unclassifed Manufacturers TUET812018CH02 Datasheet HTML 5Page - List of Unclassifed Manufacturers TUET812018CH02 Datasheet HTML 6Page - List of Unclassifed Manufacturers TUET812018CH02 Datasheet HTML 7Page - List of Unclassifed Manufacturers TUET812018CH02 Datasheet HTML 8Page - List of Unclassifed Manufacturers TUET812018CH02 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
T8 Leds Tube Light Series
7 / 9
Tel: 1-408-514-1524
Fax: 1-408-514-1523
Http://www.qt-brightek.com
Copyright © 2010 QT-Brightek Corporation. All rights reserved. The information in this
document is subject to change without notice.
HOW TO INSTALL QT-Brightek LED T8 RETROFIT TUBES
STEP 1: Unpack the Product:
a) Unpack and carefully examine the product from top to bottom.
b) Report any damage and save all packing materials, if any part was damaged during
transport.
c) Do not attempt to use this product, if it is damaged.
STEP 2: Planning the Installation:
a) This device installation requires planning to ensure successful installation with minimal
complications and down time.
STEP 3: User Responsibilities:
It is the responsibility of the contractor, installer, purchaser, owner, and user to install, maintain,
and operate the device in such a manner as to comply with all state and local laws, ordinances,
and regulations.
STEP 4: T8 Installation Procedure:
1) Disconnect power to fixture at source. DO NOT SIMPLY SWITCH OFF FIXTURE.
2) Remove existing fluorescent tubes and safely set aside.
3) Disconnect (cut) wires to ballast leaving enough wire to be tied off with wire nuts.
4) Tie-off remaining wires attached to ballast with wire nuts.
5) See wiring diagram as below for installation QT-Brightek T8 leds Tube and re-wire fixture.
Installation Instruction


Similar Description - TUET812018CH02

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT8-3528UW-B-288 FORYARD-FYT8-3528UW-B-288 Datasheet
552Kb / 5P
   T8 LED tube
FYT8-5050UW3-B-96 FORYARD-FYT8-5050UW3-B-96 Datasheet
489Kb / 5P
   T8 LED tube
logo
P-tec Corporation
E68I P-TEC-E68I Datasheet
208Kb / 2P
   E68i T8 LED Tube
PLSO-T8AG33000-120 P-TEC-PLSO-T8AG33000-120 Datasheet
201Kb / 2P
   G3 Series LED T8 Tube
logo
Shaanxi Reactor Micro...
RM9003B REACTOR-RM9003B Datasheet
187Kb / 2P
   High-voltage linear 220V/18W/T8 tube light scheme
logo
P-tec Corporation
PLSO-T8AG5-WXXXX-60 P-TEC-PLSO-T8AG5-WXXXX-60 Datasheet
580Kb / 2P
   G5 IPS LED T8 TUBE
PLSO-T8AG4-WXXXX-60 P-TEC-PLSO-T8AG4-WXXXX-60 Datasheet
570Kb / 2P
   G4 IPS LED T8 TUBE
I38I P-TEC-I38I Datasheet
1,019Kb / 7P
   I38i T8 LED Tube
E48I P-TEC-E48I Datasheet
765Kb / 8P
   E48i T8 LED Tube
logo
Shenzhen Huazhimei Semi...
HM7162AL HMSEMI-HM7162AL Datasheet
1Mb / 13P
   T5/T8 series LED fluorescent tube
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com