Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35896-2410 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35896-2410
Description  1.02/2.28mm Tab, Hybrid Wire-to-Wire Housing, Female, 24 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

35896-2410 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35896-2410 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
35896-2410
Status:
Active
Description:
1.02/2.28mm Tab, Hybrid Wire-to-Wire Housing, Female, 24 Circuits
Documents:
3D Model
Packaging Specification PK-35896-001 (PDF)
Drawing (PDF)
Packaging Specification PK-35896-003 (PDF)
Product Specification PS-35896-2090 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
35896
Application
Power, Wire-to-Wire
Product Name
N/A
UPC
756054274347
Physical
Circuits (maximum)
24
Color - Resin
Natural, Yellow
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Polyester
Net Weight
6.107/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
2.50mm
Stackable
No
Temperature Range - Operating
-40°C to +80°C
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-35896-001, PK-35896-003
Product Specification
PS-35896-2090
Sales Drawing
SD-35896-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35896Series
Mates With
35897
Use With
50654
This document was generated on 10/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 35896-2410

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35896-2410 MOLEX5-35896-2410 Datasheet
164Kb / 2P
   1.02/2.28mm (.040/.090") Tab, Hybrid Wire-to-Wire Housing, Female, 24 Circuits
More results

Similar Description - 35896-2410

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35896-2415 MOLEX11-35896-2415 Datasheet
41Kb / 1P
   1.02/2.28mm Tab, Hybrid Wire-to-Wire Housing, Female, 24 Circuits
35896-2411 MOLEX11-35896-2411 Datasheet
41Kb / 1P
   1.02/2.28mm Tab, Hybrid Wire-to-Wire Housing, Female, 24 Circuits
35897-2415 MOLEX11-35897-2415 Datasheet
41Kb / 1P
   1.02/2.28mm Tab, Hybrid Wire-to-Wire Housing, Male, 24 Circuits
35897-2411 MOLEX11-35897-2411 Datasheet
41Kb / 1P
   1.02/2.28mm Tab, Hybrid Wire-to-Wire Housing, Male, 24 Circuits
35897-2410 MOLEX11-35897-2410 Datasheet
41Kb / 1P
   1.02/2.28mm Tab, Hybrid Wire-to-Wire Housing, Male, 24 Circuits
49014-1010 MOLEX11-49014-1010 Datasheet
59Kb / 1P
   1.02/2.28mm Tab, Hybrid Wire-to-Wire Housing, Female, 10 Circuits
0358962410 MOLEX5-0358962410 Datasheet
164Kb / 2P
   1.02/2.28mm (.040/.090") Tab, Hybrid Wire-to-Wire Housing, Female, 24 Circuits
0358962415 MOLEX5-0358962415 Datasheet
164Kb / 2P
   1.02/2.28mm (.040/.090") Tab, Hybrid Wire-to-Wire Housing, Female, 24 Circuits
0358962411 MOLEX5-0358962411 Datasheet
164Kb / 2P
   1.02/2.28mm (.040/.090") Tab, Hybrid Wire-to-Wire Housing, Female, 24 Circuits
35896-2010 MOLEX11-35896-2010 Datasheet
39Kb / 1P
   1.02/2.28mm Tab, Hybrid Wire-to-Wire Housing, Female, 20 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com