Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR1060005BA01 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # STR1060005BA01
Description  3527 LED Strip Lights
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STR1060005BA01 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STR1060005BA01 Datasheet HTML 1Page - List of Unclassifed Manufacturers STR1060005BA01 Datasheet HTML 2Page - List of Unclassifed Manufacturers STR1060005BA01 Datasheet HTML 3Page - List of Unclassifed Manufacturers STR1060005BA01 Datasheet HTML 4Page - List of Unclassifed Manufacturers STR1060005BA01 Datasheet HTML 5Page - List of Unclassifed Manufacturers STR1060005BA01 Datasheet HTML 6Page - List of Unclassifed Manufacturers STR1060005BA01 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3527 LED Strip Lights
5 / 7
Tel: 1-408-514-1524
Fax: 1-408-514-1523
Http://www.qt-brightek.com
Copyright © 2010 QT-Brightek Corporation. All rights reserved. The information in this
document is subject to change without notice.
2. Outer Box:
Size:480*419*424mm
Qty:100 PCS
Gross Weight: 6.6Kg (1m)
16.1Kg(3m)


Similar Part No. - STR1060005BA01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STR1060005BA03 ETC2-STR1060005BA03 Datasheet
1Mb / 8P
   3527/3528 LED Strip Lights without Sleeves
More results

Similar Description - STR1060005BA01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STR1060005CE03 ETC2-STR1060005CE03 Datasheet
1Mb / 8P
   3527/3528 LED Strip Lights without Sleeves
STR1230165CG01 ETC2-STR1230165CG01 Datasheet
1Mb / 7P
   5050 LED Strip Lights
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
   LED reading lights
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
   Astrolite LED Indicator Lights
1091M CML-1091M Datasheet
222Kb / 1P
   Non-Relampable LED Indicator Lights
logo
Visual Communications C...
L79 VCC-L79 Datasheet
590Kb / 2P
   LED Indicator lights mounting hole
1091QM VCC-1091QM Datasheet
67Kb / 1P
   Non-Relampable LED Indicator Lights
logo
Molex Electronics Ltd.
987651-6364 MOLEX-987651-6364 Datasheet
431Kb / 2P
   Brad M12 LED Machine Lights
2017.04
logo
Chicago Miniature Lamp,...
1091QM CML-1091QM Datasheet
224Kb / 1P
   Non-Relampable LED Indicator Lights
logo
Banner Engineering Corp...
LEDRSM BANNER-LEDRSM Datasheet
173Kb / 2P
   LED..SM Series Spot Lights
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com