Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPTMR16003WF03 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SPTMR16003WF03
Description  LED SPT03 Spot Light Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPTMR16003WF03 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SPTMR16003WF03 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPTMR16003WF03 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPTMR16003WF03 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPTMR16003WF03 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPTMR16003WF03 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED SPT03 Spot Light Series (GU5.3, 45°)
page 5
Tel: 1-408-514-1524
Fax: 1-408-514-1523
Http://www.qt-brightek.com
Copyright © 2010 QT-Brightek Corporation. All rights reserved.
The information in this document is subject to change without
Revision History:
Description:
Revision #
Revision Date
New Release of SPTMR16003XF03 Series
V1.0
09/23/2011
Update Format
V1.1
12/20/2011
Disclaimer
QT-BRIGHTEK reserves the right to make changes without further notice to any products
herein to improve reliability, function or design. QT-BRIGHTEK does not assume any liability
arising out of the application or use of any product or circuit described herein; neither does it
convey any license under its patent rights, nor the rights of others.
Life Support Policy
QT-
BRIGHTEK’s products are not authorized for use as critical components in life support
devices or systems without the express written approval of QT-BRIGHTEK. As used herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical
implant into the body, or (b) support or sustain life, and (c) whose failure to perform when
properly used in accordance with instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the user.
2. A critical component in any component of a life support device or system whose failure to
perform can be reasonably expected to cause the failure of the life support device or system,
or to affect its safety or effectiveness.


Similar Part No. - SPTMR16003WF03

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SPT FRONTIER-SPT Datasheet
590Kb / 2P
   SWITCHING POWER TRANSFORMERS
logo
Sensata Technologies, I...
SPT SENSATA-SPT Datasheet
194Kb / 2P
   SPT ENCODER INTERFACE MODULES
logo
List of Unclassifed Man...
SPT-90 ETC2-SPT-90 Datasheet
223Kb / 10P
   Energy Management Modular Smart Power Transducer
SPT-90AV51HXA1 ETC2-SPT-90AV51HXA1 Datasheet
223Kb / 10P
   Energy Management Modular Smart Power Transducer
logo
ATGBICS by Approved Tec...
SPT-P854G-S3D-C ATGBICS-SPT-P854G-S3D-C Datasheet
375Kb / 10P
   SPT-P854G-S3D Sopto Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - SPTMR16003WF03

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDWS50L5-XQ BANNER-LEDWS50L5-XQ Datasheet
430Kb / 6P
   LED..S50L.. High-Intensity Spot Light
logo
Siemens Semiconductor G...
UAA170 SIEMENS-UAA170 Datasheet
131Kb / 8P
   LED Driver for Light Spot Displays
logo
List of Unclassifed Man...
QMR16-05-WW-A ETC1-QMR16-05-WW-A Datasheet
330Kb / 6P
   5W MR16 Spot Light
QMR16-05-WW-A ETC2-QMR16-05-WW-A Datasheet
330Kb / 6P
   5W MR16 Spot Light
logo
Banner Engineering Corp...
LEDRSM BANNER-LEDRSM Datasheet
173Kb / 2P
   LED..SM Series Spot Lights
LEDRSW BANNER-LEDRSW Datasheet
176Kb / 2P
   LED..SW Series Spot Lights
WL50S BANNER-WL50S_V02 Datasheet
287Kb / 5P
   WL50S High-Intensity Work Spot Light
logo
BetLux Electronics
TLL-JDR-061 BETLUX-TLL-JDR-061 Datasheet
35Kb / 1P
   JDR LED Spot Lamp
logo
Dialight Corporation
SB4-W1C3-301 DIALIGHT-SB4-W1C3-301 Datasheet
95Kb / 2P
   White LED Recessed Spot
logo
Banner Engineering Corp...
WL50S BANNER-WL50S_V01 Datasheet
309Kb / 5P
   WL50S High-Intensity Spot Light - PWM Dimmable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com