Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBT56Y1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QBT56Y1
Description  0.56??Three Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBT56Y1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QBT56Y1 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBT56Y1 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBT56Y1 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBT56Y1 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBT56Y1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
QBT56XXZ_series
0.56” Three Digit Display
Product: QBT56XXZ_series
Date: June 24, 2011
Page 2 of 5
Version# 2.0
Electrical / Optical Characteristic (T=25 oC)
Product
Material
Color
IF(mA)
VF(V)
λD (nm)
IV(mcd)
CC
CA
Typ.
Min.
Max.
typ.
QBT56IB1
QBT56IB0
InGaN
Blue
20
3.2
460
470
160
QBT56IG1
QBT56IG0
InGaN
Green
20
3.2
500
530
200
QBT56R1
QBT56R0
AlInGaP
Red
20
2.0
619
629
60
QBT56Y1
QBT56Y0
AllnGaP
Yellow
20
2.0
585
595
35
QBT56AG1 QBT56AG0
AllnGaP
Yellow Green
20
2.0
565
575
25
Absolute Maximum Rating
Material
Pd (mW)
Derating liner from 25
oC per dice (mA/ oC)
IF (mA) IPF (mA) VR (V)
TOP (
oC)
TST (
oC)
InGaN
120
0.4
30
120
5
-40 to + 85
-40 to +100
AllnGaP
70
0.33
25
90
5
-40 to + 85
-40 to +100
*Duty 1/10 @ 1KHz
** IR Reflow for no more than 5 sec @ 260
oC
Pin Configuration
CC
CA


Similar Part No. - QBT56Y1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBT56Y1 ETC1-QBT56Y1 Datasheet
303Kb / 5P
   0.56inch Three Digit Display
More results

Similar Description - QBT56Y1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBTS561R ETC2-QBTS561R Datasheet
646Kb / 10P
   0.56??Three Digit Display
logo
OptoSupply Internationa...
OSL30561-IW OPTOSUPPLY-OSL30561-IW Datasheet
210Kb / 2P
   0.56 Inch Three Digit Display
OSL30561-IX OPTOSUPPLY-OSL30561-IX Datasheet
210Kb / 2P
   0.56 Inch Three Digit Display
logo
P-tec Corporation
PD42-CAMY01 P-TEC-PD42-CAMY01 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
logo
SunLED Corporation
DUY14A3-A SUNLED-DUY14A3-A Datasheet
193Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
DUY14A3 SUNLED-DUY14A3 Datasheet
189Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BT-N513RD BRIGHT-BT-N513RD Datasheet
81Kb / 1P
   0.56(14.20MM)THREE DIGIT LED DISPLAY
logo
SunLED Corporation
DMR14C3-A SUNLED-DMR14C3-A Datasheet
187Kb / 4P
   14.22mm (0.56") THREE DIGIT NUMERIC DISPLAY
DMR14C3 SUNLED-DMR14C3 Datasheet
188Kb / 4P
   14.22mm (0.56") THREE DIGIT NUMERIC DISPLAY
DUY14C3-B SUNLED-DUY14C3-B Datasheet
187Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com