Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBT56R1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QBT56R1
Description  0.56??Three Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBT56R1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QBT56R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBT56R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBT56R1 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBT56R1 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBT56R1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
QBT56XXZ_series
0.56” Three Digit Display
Product: QBT56XXZ_series
Date: June 24, 2011
Page 5 of 5
Version# 2.0
Revision History:
Description:
Revision #
Revision Date
New Release of QBT56XXX_series
V1.0
09/20/2010
Amend part number to QBT56XXZ / add color spec: blue and true
green
V2.0
06/24/2011


Similar Part No. - QBT56R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBT56R1 ETC1-QBT56R1 Datasheet
303Kb / 5P
   0.56inch Three Digit Display
More results

Similar Description - QBT56R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBTS561R ETC2-QBTS561R Datasheet
646Kb / 10P
   0.56??Three Digit Display
logo
OptoSupply Internationa...
OSL30561-IW OPTOSUPPLY-OSL30561-IW Datasheet
210Kb / 2P
   0.56 Inch Three Digit Display
OSL30561-IX OPTOSUPPLY-OSL30561-IX Datasheet
210Kb / 2P
   0.56 Inch Three Digit Display
logo
P-tec Corporation
PD42-CAMY01 P-TEC-PD42-CAMY01 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
logo
SunLED Corporation
DUY14A3-A SUNLED-DUY14A3-A Datasheet
193Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
DUY14A3 SUNLED-DUY14A3 Datasheet
189Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BT-N513RD BRIGHT-BT-N513RD Datasheet
81Kb / 1P
   0.56(14.20MM)THREE DIGIT LED DISPLAY
logo
SunLED Corporation
DMR14C3-A SUNLED-DMR14C3-A Datasheet
187Kb / 4P
   14.22mm (0.56") THREE DIGIT NUMERIC DISPLAY
DMR14C3 SUNLED-DMR14C3 Datasheet
188Kb / 4P
   14.22mm (0.56") THREE DIGIT NUMERIC DISPLAY
DUY14C3-B SUNLED-DUY14C3-B Datasheet
187Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com