Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GU10X-005-3000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GU10X-005-3000
Description  GU10 5W High Power LED Lamp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GU10X-005-3000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GU10X-005-3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers GU10X-005-3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers GU10X-005-3000 Datasheet HTML 3Page - List of Unclassifed Manufacturers GU10X-005-3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers GU10X-005-3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GU10 5W High Power LED Lamp
Product: GU10 5W High Power LED Lamp
Date: December 14, 2011
Page 3 of 4
P/N: GU10X-005-3000-0XX-10-0X-ND
Version# 1.0
GU10
X -
XXX -
XXXX
- XXX
- XX
- XX
- XX
GU10
X -
005
-
3000
-
030
-
10
-
00
- ND
1
2
3
4
5
6
7
8
Code
Description
1: Product Series
GU10: GU10 Series
2: LED Configuration
U:350mA
H:150mA
K:20~60mA
3: Power Input (W)
005: 5W
4: CCT
3000: 3000K Warm White
6000: 6000K Cool White
5: View Angle
030: 30°
040: 40°
060: 60°
6: Lamp Holder
10: GU10
7: Lens Transparency
00: Transparent
01: Mistful
8: Dimming Control
ND: Non Dimmable
TD: Dimmable
Part Number Coding:


Similar Part No. - GU10X-005-3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GU10X-007-3000 ETC2-GU10X-007-3000 Datasheet
307Kb / 5P
   GU10 7W High Power LED Lamp
More results

Similar Description - GU10X-005-3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GU10X-007-3000 ETC2-GU10X-007-3000 Datasheet
307Kb / 5P
   GU10 7W High Power LED Lamp
MR16X-005-3000 ETC2-MR16X-005-3000 Datasheet
300Kb / 5P
   5W MR16 High Power LED Lamp
logo
BetLux Electronics
TLL-GU10F1W-061 BETLUX-TLL-GU10F1W-061 Datasheet
37Kb / 1P
   Spot Lamp High Power, GU10 base
TLL-GU10F3W-061 BETLUX-TLL-GU10F3W-061 Datasheet
38Kb / 1P
   Spot Lamp High Power, GU10 base
TLL-GU10HT3W-061 BETLUX-TLL-GU10HT3W-061 Datasheet
36Kb / 1P
   Spot Lamp High Power, GU10 base
logo
List of Unclassifed Man...
PAR16X-005-3000 ETC2-PAR16X-005-3000 Datasheet
323Kb / 5P
   5W PAR16 3 LEDs High Power LED Lamp
logo
BetLux Electronics
TLL-GU10-061 BETLUX-TLL-GU10-061 Datasheet
36Kb / 1P
   Spot Lamp Series GU10
logo
Everlight Electronics C...
EHP-B03LS EVERLIGHT-EHP-B03LS Datasheet
327Kb / 10P
   High Power LED - 5W
EHP-B03LS-UT04-P05 EVERLIGHT-EHP-B03LS-UT04-P05 Datasheet
327Kb / 10P
   High Power LED - 5W
logo
P-tec Corporation
PL00875W-WCCW P-TEC-PL00875W-WCCW Datasheet
1Mb / 5P
   5W WHITE HIGH POWER LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com