Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMA15IB88 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GMA15IB88
Description  1.5??8x8 Dot Matrix
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GMA15IB88 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GMA15IB88 Datasheet HTML 1Page - List of Unclassifed Manufacturers GMA15IB88 Datasheet HTML 2Page - List of Unclassifed Manufacturers GMA15IB88 Datasheet HTML 3Page - List of Unclassifed Manufacturers GMA15IB88 Datasheet HTML 4Page - List of Unclassifed Manufacturers GMA15IB88 Datasheet HTML 5Page - List of Unclassifed Manufacturers GMA15IB88 Datasheet HTML 6Page - List of Unclassifed Manufacturers GMA15IB88 Datasheet HTML 7Page - List of Unclassifed Manufacturers GMA15IB88 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
GMZ15XX88_series
1.5” 8x8 Dot Matrix
Product: GMZ15XX88_series
Date: 07/13/2011
Page 2 of 8
Version# 1.2
Electrical / Optical Characteristic (T=25 oC)
Product
Material
Color
IF(mA)
VF(V)
λ(nm)
IV(mcd)
CC
CA
Typ.
λD
λP
Typ.
GMC15IB88 GMA15IB88
InGaN
Blue
20
3.0
460
470
160
GMC15IG88 GMA15IG88
InGaN
Green
20
3.0
460
470
200
GMC15R88
GMA15R88
AllnGaP
Red
20
2.0
624
632
60
GMC15Y88
GMA15Y88
AllnGaP
Yellow
20
2.0
590
593
35
GMC15AG88 GMA15AG88
AllnGaP
Yellow Green
20
2.0
573
575
25
Absolute Maximum Rating
Material
Pd (mW)
IF (mA) IFP (mA)* VR (V)
TOP (
oC)
TST (
oC) T
SOL (
oC)**
InGaN ( IB/IG )
120
30
100
5
-40 - 85
-40 - 100
260
AlInGaP ( R/Y/AG )
70
30
90
5
-40 - 85
-40 - 100
260
*Duty 1/10 @ 1KHz
** IR Reflow for no more than 5 sec @ 260
oC


Similar Part No. - GMA15IB88

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMA15IB88 ETC1-GMA15IB88 Datasheet
319Kb / 8P
   1.5inch 8x8 Dot Matrix
More results

Similar Description - GMA15IB88

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137A9 CHINASEMI-CSM-88137A9 Datasheet
215Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137S CHINASEMI-CSM-88137S Datasheet
215Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137T9 CHINASEMI-CSM-88137T9 Datasheet
216Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137G CHINASEMI-CSM-88137G Datasheet
217Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88181EG CHINASEMI-CSM-88181EG Datasheet
274Kb / 7P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88131M9 CHINASEMI-CSM-88131M9 Datasheet
219Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137V9 CHINASEMI-CSM-88137V9 Datasheet
209Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88131G CHINASEMI-CSM-88131G Datasheet
213Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88131A9 CHINASEMI-CSM-88131A9 Datasheet
210Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com