Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35180-0404 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35180-0404
Description  1.78mm Tab Multiple Wire-to-Wire Male Housing with Ear
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

35180-0404 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35180-0404 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
35180-0404
Status:
Active
Description:
1.78mm Tab Multiple Wire-to-Wire Male Housing with Ear, 4 Circuits, Vertical,
Polyester UL94V-0, Blue
Documents:
3D Model
Packaging Specification PK-35180-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35180-002 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
35180
Application
Power, Wire-to-Wire
Comments
Polarized to Mating Part
Product Name
N/A
UPC
756054258293
Physical
Breakaway
No
Circuits (maximum)
4
Color - Resin
Blue
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
5.920/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
8.00mm, 8.70mm
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-35180-001
Product Specification
PS-35180-002
Sales Drawing
SD-35180-040*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35180Series
Mates With
35181 Wire-to-Wire Female Housing
Use With
35745 Crimp Terminal, 35746 Crimp
Terminal, 35747 Crimp Terminal, 35748
Crimp Terminal
This document was generated on 10/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 35180-0404

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35180-0404 MOLEX4-35180-0404 Datasheet
121Kb / 2P
   1.78mm (.070") Tab Multiple Wire-to-Wire Male Housing With Ear, 4 Circuits, VerticalPolyester UL94V-0, Blue
More results

Similar Description - 35180-0404

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35180-0400 MOLEX11-35180-0400 Datasheet
41Kb / 1P
   1.78mm Tab Multiple Wire-to-Wire Male Housing with Ear
35180-3409 MOLEX11-35180-3409 Datasheet
43Kb / 2P
   1.78mm Tab Multiple Wire-to-Wire Male Housing with Ear
35180-3609 MOLEX11-35180-3609 Datasheet
43Kb / 2P
   1.78mm Tab Multiple Wire-to-Wire Male Housing with Ear
35180-0600 MOLEX11-35180-0600 Datasheet
42Kb / 1P
   1.78mm Tab Multiple Wire-to-Wire Male Housing with Ear
35180-0604 MOLEX11-35180-0604 Datasheet
42Kb / 1P
   1.78mm Tab Multiple Wire-to-Wire Male Housing with Ear
35180-4409 MOLEX11-35180-4409 Datasheet
43Kb / 2P
   1.78mm Tab Multiple Wire-to-Wire Male Housing with Ear
35180-4609 MOLEX11-35180-4609 Datasheet
43Kb / 2P
   1.78mm Tab Multiple Wire-to-Wire Male Housing with Ear
35524-4929 MOLEX11-35524-4929 Datasheet
48Kb / 2P
   1.78mm Tab Multiple Male Housing with Ear
35524-0920 MOLEX11-35524-0920 Datasheet
46Kb / 1P
   1.78mm Tab Multiple Male Housing with Ear
35524-0924 MOLEX11-35524-0924 Datasheet
46Kb / 1P
   1.78mm Tab Multiple Male Housing with Ear
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com