Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35151-3619 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35151-3619
Description  Wire-to-Wire VersaBlade Hybrid Receptacle Housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

35151-3619 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35151-3619 Datasheet HTML 1Page - Molex Electronics Ltd. 35151-3619 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
35151-3619
Status:
Active
Overview:
VersaBlade™ Wire-to-Wire Connector System
Description:
Wire-to-Wire VersaBlade™ Hybrid Receptacle Housing, 6 Circuits, Polyester
Carbonate UL94V-0, Yellow, Glow Wire Compatible
Documents:
3D Model
Packaging Specification PK-35151-006 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35150-003 (PDF)
Agency Certification
CSA
LR19980
TUV
R72090206
UL
E29179
General
Product Family
Crimp Housings
Series
35151
Application
Power, Wire-to-Wire
Comments
Polarized to Mating Part, Positive Lock<P><P>This
Molex product is manufactured from material that has
the following ratings, tested by independent agencies :.
a) A Glow Wire Ignition Temperature (GWIT) of at least
775 deg C per IEC 60695-2-13.. b) A G
Overview
VersaBlade™ Wire-to-Wire Connector System
Product Name
VersaBlade™
UPC
822350869225
Physical
Breakaway
No
Circuits (maximum)
6
Color - Resin
Yellow
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
Yes
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester Alloy
Net Weight
4.226/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
7.30mm
Pitch - Termination Interface
7.30mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-35151-006
Product Specification
PS-35150-003
Sales Drawing
SD-35151-061*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35151Series
Mates With
35150-0610 Plug Housing
Use With
VersaBlade™ Crimp Terminals 35745 ,
35747 , 35748


Similar Part No. - 35151-3619

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35151-3419 MOLEX4-35151-3419 Datasheet
98Kb / 3P
   6.20mm (.244") Pitch Wire-to-Wire VersaBlade??Hybrid Receptacle Housingwithout Mounting Ears, 4 Circuits, Polyester Cardonate UL94V-0, Yellow, Glow WireCompatible
35151-3419 MOLEX11-35151-3419 Datasheet
41Kb / 2P
   Wire-to-Wire VersaBlade Hybrid Receptacle Housing
More results

Similar Description - 35151-3619

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35151-0310 MOLEX11-35151-0310 Datasheet
43Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Receptacle Housing
35151-3419 MOLEX11-35151-3419 Datasheet
41Kb / 2P
   Wire-to-Wire VersaBlade Hybrid Receptacle Housing
35151-0614 MOLEX11-35151-0614 Datasheet
42Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Receptacle Housing
35151-0410 MOLEX11-35151-0410 Datasheet
40Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Receptacle Housing
35151-0412 MOLEX11-35151-0412 Datasheet
40Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Receptacle Housing
35151-0612 MOLEX11-35151-0612 Datasheet
42Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Receptacle Housing
35151-0419 MOLEX11-35151-0419 Datasheet
41Kb / 2P
   Wire-to-Wire VersaBlade Hybrid Receptacle Housing
35151-0214 MOLEX11-35151-0214 Datasheet
41Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Receptacle Housing
35151-0314 MOLEX11-35151-0314 Datasheet
43Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Receptacle Housing
35151-0414 MOLEX11-35151-0414 Datasheet
40Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Receptacle Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com