Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU2405PbF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFU2405PbF
Description  Surface Mount (IRFR2405)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU2405PbF Datasheet(HTML) 1 Page - International Rectifier

  IRFU2405PbF Datasheet HTML 1Page - International Rectifier IRFU2405PbF Datasheet HTML 2Page - International Rectifier IRFU2405PbF Datasheet HTML 3Page - International Rectifier IRFU2405PbF Datasheet HTML 4Page - International Rectifier IRFU2405PbF Datasheet HTML 5Page - International Rectifier IRFU2405PbF Datasheet HTML 6Page - International Rectifier IRFU2405PbF Datasheet HTML 7Page - International Rectifier IRFU2405PbF Datasheet HTML 8Page - International Rectifier IRFU2405PbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRFR2405PbF
IRFU2405PbF
HEXFET® Power MOSFET
Seventh Generation HEXFET® Power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance per
silicon area.
This benefit, combined with the fast
switching speed and ruggedized device design that
HEXFET power MOSFETs are well known for, provides
the designer with an extremely efficient and reliable
device for use in a wide variety of applications.
The D-Pak is designed for surface mounting using
vapor phase, infrared, or wave soldering techniques.
The straight lead version (IRFU series) is for through-
hole mounting applications. Power dissipation levels
up to 1.5 watts are possible in typical surface mount
applications.
S
D
G
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
56
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
40
†
A
IDM
Pulsed Drain Current

220
PD @TC = 25°C
Power Dissipation
110
W
Linear Derating Factor
0.71
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
130
mJ
IAR
Avalanche Current

34
A
EAR
Repetitive Avalanche Energy

11
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
VDSS = 55V
RDS(on) = 0.016Ω
ID = 56A
†
Description
12/03/04
www.irf.com
1
l Surface Mount (IRFR2405)
l Straight Lead (IRFU2405)
l Advanced Process Technology
l Dynamic dv/dt Rating
l Fast Switching
l Fully Avalanche Rated
l Lead-Free
PD - 95369A
D-Pak
I-Pak
IRFR2405
IRFU2405
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.4
RθJA
Junction-to-Ambient (PCB mount)*
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
* When mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer to application note #AN-994


Similar Part No. - IRFU2405PbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU2405PBF IRF-IRFU2405PBF Datasheet
217Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFU2405PBF KERSEMI-IRFU2405PBF Datasheet
3Mb / 10P
   Surface Mount (IRFR2405) Straight Lead (IRFU2405) Advanced Process Technology
logo
International Rectifier
IRFU2405PBF IRF-IRFU2405PBF Datasheet
226Kb / 11P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRFU2405PBF KERSEMI-IRFU2405PBF Datasheet
3Mb / 10P
   Advanced Process Technology
More results

Similar Description - IRFU2405PbF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR2405 KERSEMI-IRFR2405 Datasheet
1Mb / 8P
   Surface Mount (IRFR2405)
IRFR2405 KERSEMI-IRFR2405_15 Datasheet
901Kb / 10P
   Surface Mount (IRFR2405)
IRFR2405PBF KERSEMI-IRFR2405PBF Datasheet
3Mb / 10P
   Surface Mount (IRFR2405) Straight Lead (IRFU2405) Advanced Process Technology
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com