Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3210 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 3210
Description  MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3210 Datasheet(HTML) 5 Page - Allegro MicroSystems

  3210 Datasheet HTML 1Page - Allegro MicroSystems 3210 Datasheet HTML 2Page - Allegro MicroSystems 3210 Datasheet HTML 3Page - Allegro MicroSystems 3210 Datasheet HTML 4Page - Allegro MicroSystems 3210 Datasheet HTML 5Page - Allegro MicroSystems 3210 Datasheet HTML 6Page - Allegro MicroSystems 3210 Datasheet HTML 7Page - Allegro MicroSystems 3210 Datasheet HTML 8Page - Allegro MicroSystems 3210 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3209 AND 3210
MICROPOWER,
ULTRA-SENSITIVE
HALL-EFFECT SWITCHES
www.allegromicro.com
5
SWITCH POINTS
A3210-- SUPPLY CURRENT
60
20
0
-20
-40
2.8
3.0
3.2
3.4
3.6
SUPPLY VOLTAGE IN VOLTS
2.4
Dwg. GH-057-1
2.6
BOPS
-60
40
BRPS
BRPN
BOPN
TA = 25
°C
16
12
10
8.0
6.0
2.8
3.0
3.2
3.4
3.6
SUPPLY VOLTAGE IN VOLTS
2.4
Dwg. GH-058-5A
2.6
14
TA = 25
°C
TYPICAL OPERATING CHARACTERISTICS
as a function of supply voltage
A3209-- SUPPLY CURRENT
220
180
160
140
120
2.8
3.0
3.2
3.4
3.6
SUPPLY VOLTAGE IN VOLTS
2.4
Dwg. GH-058-6
2.6
200
TA = 25
°C


Similar Part No. - 3210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3210 ETC-3210 Datasheet
232Kb / 2P
   200 V - 1,000 V Three Phase Bridge
logo
Voltage Multipliers Inc...
3210 VMI-3210 Datasheet
235Kb / 2P
   200 V - 1,000 V Three Phase Bridge 4.0 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
List of Unclassifed Man...
3210 ETC2-3210 Datasheet
68Kb / 1P
   WASHERS
logo
Heyco.
3210 HEYCO-3210 Datasheet
220Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Hirose Electric
3210-152P1 HIROSE-3210-152P1 Datasheet
369Kb / 8P
   Interface Connectors with 0.8mm spacing Docking Connectors
More results

Similar Description - 3210

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3211 ALLEGRO-A3211 Datasheet
376Kb / 13P
   Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
A3213 ALLEGRO-A3213 Datasheet
326Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A3213 ALLEGRO-A3213_16 Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
logo
Diodes Incorporated
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
AH1801 DIODES-AH1801_09 Datasheet
157Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1801 Rev. 7
AH1803 DIODES-AH1803 Datasheet
131Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com