Electronic Components Datasheet Search |
|
A1212 Datasheet(PDF) 4 Page - Allegro MicroSystems |
|
A1212 Datasheet(HTML) 4 Page - Allegro MicroSystems |
4 / 14 page Continuous-Time Latch Family A1210, A1211, A1212, A1213, and A1214 4 Allegro MicroSystems, LLC 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com DEVICE QUALIFICATION PROGRAM Contact Allegro for information. EMC (Electromagnetic Compatibility) REQUIREMENTS Contact Allegro for information. OPERATING CHARACTERISTICS over full operating voltage and ambient temperature ranges, unless otherwise noted Characteristic Symbol Test Conditions Min. Typ. Max. Units Electrical Characteristics Supply Voltage1 VCC Operating, TJ < 165°C 3.8 – 24 V Output Leakage Current IOUTOFF VOUT = 24 V, B < BRP –– 10 μA Output On Voltage VOUT(SAT) IOUT = 20 mA, B > BOP – 215 400 mV Power-On Time2 tPO Slew rate (dVCC/dt) < 2.5 V/μs, B > BOP + 5 G or B < BRP – 5 G ––4 μs Output Rise Time3 tr VCC = 12 V, RLOAD = 820 Ω, CS = 12 pF – – 400 ns Output Fall Time3 tf VCC = 12 V, RLOAD = 820 Ω, CS = 12 pF – – 400 ns Supply Current ICCON B > BOP – 4.1 7.5 mA ICCOFF B < BRP – 3.8 7.5 mA Reverse Battery Current IRCC VRCC = –30 V – – –10 mA Supply Zener Clamp Voltage VZ ICC = 10.5 mA; TA = 25°C 32 – – V Supply Zener Current4 IZ VZ = 32 V; TA = 25°C – – 10.5 mA Magnetic Characteristics5 Operate Point BOP A1210 South pole adjacent to branded face of device 25 78 150 G A1211 15 87 180 G A1212 50 107 175 G A1213 80 – 200 G A1214 140 – 300 G Release Point BRP A1210 North pole adjacent to branded face of device –150 –78 –25 G A1211 –180 –95 –15 G A1212 –175 –117 –50 G A1213 –200 – –80 G A1214 –300 – –140 G Hysteresis BHYS A1210 BOP – BRP 50 155 – G A1211 80 180 – G A1212 100 225 350 G A1213 160 – 400 G A1214 280 – 600 G 1 Maximum voltage must be adjusted for power dissipation and junction temperature, see Power Derating section. 2 For VCC slew rates greater than 250 V/μs, and TA = 150°C, the Power-On Time can reach its maximum value. 3 CS =oscilloscope probe capacitance. 4 Maximum current limit is equal to the maximum ICC(max) + 3 mA. 5 Magnetic flux density, B, is indicated as a negative value for north-polarity magnetic fields, and as a positive value for south-polarity magnetic fields. This so-called algebraic convention supports arithmetic comparison of north and south polarity values, where the relative strength of the field is indicated by the absolute value of B, and the sign indicates the polarity of the field (for example, a –100 G field and a 100 G field have equivalent strength, but opposite polarity). |
Similar Part No. - A1212 |
|
Similar Description - A1212 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |