Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2685 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SK2685
Description  GaAs HEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2685 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SK2685 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2685 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2685 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2685 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2685 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2685 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2685 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2685 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2685 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2SK2685
GaAs HEMT
ADE-208-400
1st. Edition
Application
UHF low noise amplifier
Features
• Excellent low noise characteristics.
Fmin = 0.83 dB Typ. (3 V, 10 mA, 2 GHz)
• High associated gain.
Ga = 17 dB Typ. (3 V, 10 mA, 2 GHz)
• High voltage.
V
DS = 6 or more voltage.
• Small package. (CMPAK-4)
Outline
1. Source
2. Gate
3. Source
4. Drain
CMPAK–4
1
4
3
2


Similar Part No. - 2SK2685

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK2680LS ISC-2SK2680LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanyo Semicon Device
2SK2682LS SANYO-2SK2682LS Datasheet
30Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
Inchange Semiconductor ...
2SK2682LS ISC-2SK2682LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanyo Semicon Device
2SK2683LS SANYO-2SK2683LS Datasheet
49Kb / 3P
   General-Purpose Switching Device
logo
Inchange Semiconductor ...
2SK2683LS ISC-2SK2683LS Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2685

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-AUH318 HITTITE-HMC-AUH318 Datasheet
207Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER GaAs HEMT MMIC MEDIUM POWER
logo
Mimix Broadband
CF001-03 MIMIX-CF001-03_08 Datasheet
497Kb / 4P
   GaAs Pseudomorphic HEMT Transistor
logo
Eudyna Devices Inc
FLC087XP EUDYNA-FLC087XP Datasheet
58Kb / 4P
   GaAs FET & HEMT Chips
FLK057XV EUDYNA-FLK057XV Datasheet
58Kb / 4P
   GaAs FET & HEMT Chips
logo
Mitsubishi Electric Sem...
MGF4964BL MITSUBISHI-MGF4964BL Datasheet
229Kb / 5P
   Low Noise GaAs HEMT
logo
Eudyna Devices Inc
FHX04X EUDYNA-FHX04X Datasheet
56Kb / 4P
   GaAs FET & HEMT Chips
FHX45X EUDYNA-FHX45X Datasheet
62Kb / 4P
   GaAs FET & HEMT Chips
FSX027X EUDYNA-FSX027X Datasheet
57Kb / 4P
   GaAs FET & HEMT Chips
logo
Mitsubishi Electric Sem...
MGF4936AM MITSUBISHI-MGF4936AM Datasheet
188Kb / 6P
   Low Noise GaAs HEMT
logo
Hittite Microwave Corpo...
HMC-ALH102 HITTITE-HMC-ALH102_09 Datasheet
187Kb / 6P
   GaAs HEMT MMIC WIDEBAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com