Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-45D32CC721 Datasheet(PDF) 9 Page - NEC

Part # MC-45D32CC721
Description  32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-45D32CC721 Datasheet(HTML) 9 Page - NEC

  MC-45D32CC721 Datasheet HTML 1Page - NEC MC-45D32CC721 Datasheet HTML 2Page - NEC MC-45D32CC721 Datasheet HTML 3Page - NEC MC-45D32CC721 Datasheet HTML 4Page - NEC MC-45D32CC721 Datasheet HTML 5Page - NEC MC-45D32CC721 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 6 page
background image
Preliminary Data Sheet M14900EJ1V0DS00
9
MC-45D32CC721
Asynchronous Characteristics
Parameter
Symbol
-C75(PC266B)
-C80(PC200)
Unit
MIN.
MAX.
MIN.
MAX.
ACT to REF/ACT command period (operation)
tRC
65
70
ns
REF to REF/ACT command period (refresh)
tRFC
75
80
ns
ACT to PRE command period
tRAS
45
120,000
50
120,000
ns
PRE to ACT command period
tRP
20
20
ns
ACT to READ/WRITE delay
tRCD
20
20
ns
ACT(one) to ACT(another) command period
tRRD
15
15
ns
Write recovery time
tWR
15
15
ns
Auto precharge write recovery time + precharge time
tDAL
35
35
ns
Mode register set command cycle time
tMRD
15
15
ns
Exit self refresh to command
tXSNR
75
80
ns
Refresh time (4,096 refresh cycles)
tREF
64
64
ms


Similar Part No. - MC-45D32CC721

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-45D32CC721 ELPIDA-MC-45D32CC721 Datasheet
190Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D32CC721KFA-C75 ELPIDA-MC-45D32CC721KFA-C75 Datasheet
190Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D32CC721KFA-C80 ELPIDA-MC-45D32CC721KFA-C80 Datasheet
190Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-45D32CC721

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-45D32CC721 ELPIDA-MC-45D32CC721 Datasheet
190Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D32CD641 NEC-MC-45D32CD641 Datasheet
250Kb / 6P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D32CD641 ELPIDA-MC-45D32CD641 Datasheet
184Kb / 16P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D32DC721 ELPIDA-MC-45D32DC721 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721 ELPIDA-MC-45D32DA721 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-454AC724 NEC-MC-454AC724 Datasheet
660Kb / 12P
   4M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA727 NEC-MC-458CA727 Datasheet
198Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com