Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-45D16CB641KF-C75 Datasheet(PDF) 6 Page - NEC

Part # MC-45D16CB641KF-C75
Description  16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-45D16CB641KF-C75 Datasheet(HTML) 6 Page - NEC

  MC-45D16CB641KF-C75 Datasheet HTML 1Page - NEC MC-45D16CB641KF-C75 Datasheet HTML 2Page - NEC MC-45D16CB641KF-C75 Datasheet HTML 3Page - NEC MC-45D16CB641KF-C75 Datasheet HTML 4Page - NEC MC-45D16CB641KF-C75 Datasheet HTML 5Page - NEC MC-45D16CB641KF-C75 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Preliminary Data Sheet M14897EJ2V0DS00
6
MC-45D16CB641
DC Characteristics 1 (Recommended Operating Conditions unless otherwise noted)
Parameter
Symbol
Test condition
/CAS
latency
Grade
MIN.
MAX.
Unit
Notes
-C75
TBD
mA
Operating current
(ACT-PRE)
IDD0
tRC = tRC(MIN.), tCK = tCK (MIN.), One bank,
Active-precharge, DQ, DM and DQS
inputs changing twice per clock cycle,
Address and control inputs changing
once per clock cycle
-C80
TBD
CL = 2
-C75
TBD
mA
1
-C80
TBD
CL = 2.5 -C75
TBD
Operating current
(ACT-READ-PRE)
IDD1
tRC = tRC(MIN.), tCK = tCK (MIN.), One
bank, Active-read-precharge,
IO = 0 mA, Burst length = 2,
Address and control inputs
changing once per clock cycle
-C80
TBD
Precharge power down
standby current
IDD2P
CKE
≤ VIL(MAX.), tCK = tCK(MIN.),
All banks idle, Power down mode
TBD
mA
Idle standby current
IDD2N
CKE
≥ VIH(MIN.), tCK = tCK(MIN.), /CS ≥ VIH(MIN.),
All banks idle, Address and other control inputs
changing once per clock cycle
TBD
mA
Active power down
standby current
IDD3P
CKE
≤ VIL(MAX.), tCK = tCK(MIN.), One bank active,
Power down mode
TBD
mA
Active standby current
IDD3N
/CS
≥ VIH(MIN.), CKE ≥ VIH(MIN.), tCK = tCK(MIN.), tRC =
tRAS(MAX.), One bank, Active-precharge, DQ, DM
and DQS inputs changing twice per clock
cycle, Address and other control inputs
changing once per clock cycle
TBD
mA
CL = 2
-C75
TBD
mA
2
-C80
TBD
CL = 2.5 -C75
TBD
Operating current
(Burst read)
IDD4R
tCK = tCK(MIN.), Continuous burst
read, Burst length = 2, IO =
0mA, One bank active,
Address and control inputs
changing once per clock cycle
-C80
TBD
CL = 2
-C75
TBD
mA
2
-C80
TBD
CL = 2.5 -C75
TBD
Operating current
(Burst write)
IDD4W
tCK = tCK(MIN.), Continuous burst
write, Burst length = 2, One
bank active, Address and
control inputs changing once
per clock cycle
-C80
TBD
CBR (auto) refresh current
IDD5
tRFC = tRFC(MIN.)
-C75
TBD
mA
-C80
TBD
Self refresh current
IDD6
CKE
≤ 0.2 V
TBD
mA
Notes 1. IDD1 depends on output loading and cycle rates. Specified values are obtained with the output open.
2. IDD4R and IDD4W depend on output loading and cycle rates. Specified values are obtained with the output
open.
DC Characteristics 2 (Recommended Operating Conditions unless otherwise noted)
Parameter
Symbol
Test condition
MIN.
MAX.
Unit Notes
Input leakage current
II(L)
VI = 0 to 3.6 V, all other pins not under test = 0 V
TBD
TBD
µA
Output leakage current
IO(L)
DOUT is disabled, VO = 0 to VDDQ + 0.3 V
TBD
TBD
µA
Output high current
IOH
VOUT = VDDQ
− 0.43 V
TBD
mA
Output low current
IOL
VOUT = 0.35 V
TBD
mA


Similar Part No. - MC-45D16CB641KF-C75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-45D16CB641KF-C75 ELPIDA-MC-45D16CB641KF-C75 Datasheet
170Kb / 16P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-45D16CB641KF-C75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-45D16CB641 ELPIDA-MC-45D16CB641 Datasheet
170Kb / 16P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D32CD641 NEC-MC-45D32CD641 Datasheet
250Kb / 6P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D32CD641 ELPIDA-MC-45D32CD641 Datasheet
184Kb / 16P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D32CC721 NEC-MC-45D32CC721 Datasheet
259Kb / 6P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB647 NEC-MC-458CB647 Datasheet
190Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com