Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-458CB64PSB-A10B Datasheet(PDF) 8 Page - NEC

Part # MC-458CB64PSB-A10B
Description  8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-458CB64PSB-A10B Datasheet(HTML) 8 Page - NEC

  MC-458CB64PSB-A10B Datasheet HTML 1Page - NEC MC-458CB64PSB-A10B Datasheet HTML 2Page - NEC MC-458CB64PSB-A10B Datasheet HTML 3Page - NEC MC-458CB64PSB-A10B Datasheet HTML 4Page - NEC MC-458CB64PSB-A10B Datasheet HTML 5Page - NEC MC-458CB64PSB-A10B Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 6 page
background image
Data Sheet M12263EJAV0DS00
8
MC-458CB64ESB, 458CB64PSB
Synchronous Characteristics
Parameter
Symbol
-A 10B
Unit
Note
MIN.
MAX.
Clock cycle time
/CAS latency = 3
tCK3
10
ns
/CAS latency = 2
tCK2
15
ns
Access time from CLK
/CAS latency = 3
tAC3
7ns
1
/CAS latency = 2
tAC2
8ns
1
CLK high level width
tCH
3.5
ns
CLK low level width
tCL
3.5
ns
Data-out hold time
tOH
3ns
1
Data-out low-impedance time
tLZ
0ns
Data-out high-impedance time
/CAS latency = 3
tHZ3
37
ns
/CAS latency = 2
tHZ2
38
ns
Data-in setup time
tDS
2.5
ns
Data-in hold time
tDH
1ns
Address setup time
tAS
2.5
ns
Address hold time
tAH
1ns
CKE setup time
tCKS
2.5
ns
CKE hold time
tCKH
1ns
CKE setup time (Power down exit)
tCKSP
2.5
ns
Command (/CS0, /RAS, /CAS, /WE,
DQMB0 - DQMB7) setup time
tCMS
2.5
ns
Command (/CS0, /RAS, /CAS, /WE,
DQMB0 - DQMB7) hold time
tCMH
1ns
Note 1. Output load
Output
Z = 50
50 pF


Similar Part No. - MC-458CB64PSB-A10B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-458CB64PSB-A10B ELPIDA-MC-458CB64PSB-A10B Datasheet
141Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
More results

Similar Description - MC-458CB64PSB-A10B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-458CB64ESB ELPIDA-MC-458CB64ESB Datasheet
141Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB641ES ELPIDA-MC-458CB641ES Datasheet
151Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB641ES NEC-MC-458CB641ES Datasheet
137Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-458CB642XS ELPIDA-MC-458CB642XS Datasheet
135Kb / 14P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-45V8AB642KS ELPIDA-MC-45V8AB642KS Datasheet
150Kb / 16P
   8M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CA721ESA NEC-MC-458CA721ESA Datasheet
142Kb / 6P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-458CA721ESA ELPIDA-MC-458CA721ESA Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CD641ES NEC-MC-4516CD641ES Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD641ES ELPIDA-MC-4516CD641ES Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-4516CD642XS ELPIDA-MC-4516CD642XS Datasheet
136Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com