Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLK-3500 Datasheet(PDF) 3 Page - SYNERGY MICROWAVE CORPORATION

Part # CLK-3500
Description  TRIPLE-BALANCED MIXER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

CLK-3500 Datasheet(HTML) 3 Page - SYNERGY MICROWAVE CORPORATION

  CLK-3500 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION CLK-3500 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION CLK-3500 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION CLK-3500 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
10 - 3500 MHz
TRIPLE-BALANCED MIXER
CONNECTORIZED MODEL: CLK-3500
WIDE BANDWIDTH
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
[ 3 of 4 ]
0
10
20
30
40
50
1
501
1001
1501
2001
IF Frequency (MHz)
LO=1000 MHz
LO=100 MHz
LO=500 MHz
LO=3500 MHz
LO=2000 MHz
0
2
4
6
8
10
12
14
16
18
20
10
510
1010
1510
2010
2510
3010
3510
Frequency (MHz)


Similar Part No. - CLK-3500

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
CLK-6000 SYNERGY-CLK-6000 Datasheet
205Kb / 3P
   DOUBLE-BALANCED MIXER
CLK-705S SYNERGY-CLK-705S Datasheet
54Kb / 2P
   MIXERS TRIPLE-BALANCED
CLK-706 SYNERGY-CLK-706 Datasheet
54Kb / 2P
   MIXERS TRIPLE-BALANCED
CLK-710S SYNERGY-CLK-710S Datasheet
54Kb / 2P
   MIXERS TRIPLE-BALANCED
CLK-7A6S SYNERGY-CLK-7A6S Datasheet
54Kb / 2P
   MIXERS TRIPLE-BALANCED
More results

Similar Description - CLK-3500

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MZ8810 MACOM-MZ8810 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
MY89 MACOM-MY89 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
MY93 MACOM-MY93 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
MZ9313 MACOM-MZ9313 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
M51M51C MACOM-M51M51C Datasheet
135Kb / 2P
   TRIPLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
M2TC MA-COM-M2TC_15 Datasheet
933Kb / 3P
   Triple-Balanced Mixer
MY52 MA-COM-MY52_15 Datasheet
166Kb / 3P
   Triple-Balanced Mixer
MY52C MA-COM-MY52C_15 Datasheet
166Kb / 3P
   Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C_15 Datasheet
152Kb / 3P
   Triple-Balanced Mixer
M52C MA-COM-M52C_15 Datasheet
1Mb / 3P
   Triple-Balanced Mixer
MY82C MA-COM-MY82C_15 Datasheet
83Kb / 2P
   Triple-Balanced Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com