Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35127-1000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35127-1000
Description  6.00mm Pitch Wire-to-Wire Male Housing, 10 Circuits, Vertical
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

35127-1000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35127-1000 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
35127-1000
Status:
Active
Description:
6.00mm Pitch Wire-to-Wire Male Housing, 10 Circuits, Vertical
Documents:
Drawing (PDF)
Packaging Specification PK-35127-001 (PDF)
Product Specification PS-35127-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
35127
Application
Power, Wire-to-Wire
Product Name
N/A
UPC
756054255636
Physical
Circuits (maximum)
10
Color - Resin
Natural
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Material - Resin
Polyester
Net Weight
7.920/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
6.00mm
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-35127-001
Product Specification
PS-35127-001
Sales Drawing
SD-35127-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35127Series
Mates With
35128
Use With
35040
This document was generated on 10/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 35127-1000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35127-1000 MOLEX4-35127-1000 Datasheet
122Kb / 2P
   6.00mm (.236") Pitch Wire-to-Wire Male Housing, 10-Circuits, Vertical
More results

Similar Description - 35127-1000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0351271000 MOLEX4-0351271000 Datasheet
122Kb / 2P
   6.00mm (.236") Pitch Wire-to-Wire Male Housing, 10-Circuits, Vertical
0351270200 MOLEX4-0351270200 Datasheet
102Kb / 2P
   6.00mm (.236") Pitch Wire-to-Wire Male Housing, 2 Circuits, Vertical
0351270400 MOLEX4-0351270400 Datasheet
102Kb / 2P
   6.00mm (.236") Pitch Wire-to-Wire Male Housing, 4 Circuits, Vertical
0351270600 MOLEX4-0351270600 Datasheet
118Kb / 2P
   6.00mm (.236") Pitch Wire-to-Wire Male Housing, 6 Circuits, Vertical
0351281000 MOLEX4-0351281000 Datasheet
128Kb / 2P
   6.00mm (.236") Pitch Wire-to-Wire Female Housing, 10 Circuits, Vertical
35128-0400 MOLEX11-35128-0400 Datasheet
39Kb / 1P
   6.00mm Pitch Wire-to-Wire Female Housing, 4 Circuits, Vertical
0351280600 MOLEX4-0351280600 Datasheet
127Kb / 2P
   6.00mm (.236") Pitch Wire-to-Wire Female Housing, 6 Circuits, Vertical
0351280200 MOLEX4-0351280200 Datasheet
121Kb / 2P
   6.00mm (.236") Pitch Wire-to-Wire Female Housing, 2 Circuits, Vertical
0351280400 MOLEX4-0351280400 Datasheet
121Kb / 2P
   6.00mm (.236") Pitch Wire-to-Wire Female Housing
0352720620 MOLEX4-0352720620 Datasheet
92Kb / 2P
   6.00mm (.236") Tab Wire-to-Wire Plug Housing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com