Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBED9330 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QBED9330
Description  5mm IR emitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBED9330 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  QBED9330 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBED9330 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBED9330 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBED9330 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBED9330 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBED9330 Datasheet HTML 6Page - List of Unclassifed Manufacturers QBED9330 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
QBED9330
5mm IR emitter
Product: QBED9330
Date: 06/25/2011
Page 6 of 7
Version# 1.0
Labeling:
Ordering Information:
Part #
Orderable Part #
Spec Range
Quantity per reel
QBED9330
QBED9330
Ie = 100mW/sr @ 50mA,
λp =
850nm
TBD


Similar Part No. - QBED9330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBED8120 ETC1-QBED8120 Datasheet
501Kb / 7P
   5mm IR Lamp
QBED8120A ETC2-QBED8120A Datasheet
582Kb / 6P
   5mm IR emitter
QBED8130 ETC2-QBED8130 Datasheet
582Kb / 6P
   5mm IR emitter
QBED8145 ETC2-QBED8145 Datasheet
587Kb / 6P
   5mm IR emitter
QBED8160 ETC2-QBED8160 Datasheet
507Kb / 7P
   5mm IR Lamp
More results

Similar Description - QBED9330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBED8240 ETC1-QBED8240 Datasheet
620Kb / 7P
   5mm IR emitter
QBED8220A ETC2-QBED8220A Datasheet
406Kb / 7P
   5mm IR emitter
QBED8220 ETC2-QBED8220 Datasheet
406Kb / 7P
   5mm IR emitter
QBED8240 ETC2-QBED8240 Datasheet
620Kb / 7P
   5mm IR emitter
QBED8330 ETC2-QBED8330 Datasheet
562Kb / 8P
   5mm IR emitter
QBED8145 ETC2-QBED8145 Datasheet
587Kb / 6P
   5mm IR emitter
QBED8120A ETC2-QBED8120A Datasheet
582Kb / 6P
   5mm IR emitter
QBED8130 ETC2-QBED8130 Datasheet
582Kb / 6P
   5mm IR emitter
QBED8325 ETC2-QBED8325 Datasheet
569Kb / 8P
   5mm IR emitter
logo
Marktech Corporate
MTE4094L MARKTECH-MTE4094L Datasheet
66Kb / 2P
   5mm Metal Can IR Emitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com