Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBED8330 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QBED8330
Description  5mm IR emitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBED8330 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QBED8330 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBED8330 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBED8330 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBED8330 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBED8330 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBED8330 Datasheet HTML 6Page - List of Unclassifed Manufacturers QBED8330 Datasheet HTML 7Page - List of Unclassifed Manufacturers QBED8330 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
QBED8330
5mm IR emitter
Product: QBED8330
Date: 06/25/2011
Page 1 of 8
Version# 1.0
Feature:
 Water transparent
 Package in bulk and tape and reel
 High radiant intensity
 Peak wavelength 850nm
 AlGaAs technology
 30deg emitting angle
Description:
This device is spectrally match with phototransistor,
photodiode, and infrared receiver module
Application:
 Infrared illumination
 Telecommunication system
 Infrared applied system
 Sensor application
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.1mm


Similar Part No. - QBED8330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBED8325 ETC2-QBED8325 Datasheet
569Kb / 8P
   5mm IR emitter
QBED8340 ETC2-QBED8340 Datasheet
509Kb / 7P
   5mm IR Lamp
QBED8340 ETC1-QBED8340 Datasheet
506Kb / 7P
   5mm IR Lamp LED
More results

Similar Description - QBED8330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBED8240 ETC1-QBED8240 Datasheet
620Kb / 7P
   5mm IR emitter
QBED8220A ETC2-QBED8220A Datasheet
406Kb / 7P
   5mm IR emitter
QBED8220 ETC2-QBED8220 Datasheet
406Kb / 7P
   5mm IR emitter
QBED8240 ETC2-QBED8240 Datasheet
620Kb / 7P
   5mm IR emitter
QBED9330 ETC2-QBED9330 Datasheet
508Kb / 7P
   5mm IR emitter
QBED8145 ETC2-QBED8145 Datasheet
587Kb / 6P
   5mm IR emitter
QBED8120A ETC2-QBED8120A Datasheet
582Kb / 6P
   5mm IR emitter
QBED8130 ETC2-QBED8130 Datasheet
582Kb / 6P
   5mm IR emitter
QBED8325 ETC2-QBED8325 Datasheet
569Kb / 8P
   5mm IR emitter
logo
Marktech Corporate
MTE4094L MARKTECH-MTE4094L Datasheet
66Kb / 2P
   5mm Metal Can IR Emitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com