Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBED8145 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBED8145
Description  5mm IR emitter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBED8145 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBED8145 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBED8145 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBED8145 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBED8145 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBED8145 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBED8145 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
QBED8145
5mm IR emitter
Product: QBED8145
Date: 06/03/2011
Page 4 of 6
Version# 1.0
Solder Profile & Footprint:
A. Soldering
1. When soldering, the soldering iron needs to be at least 2mm away
from the epoxy edge. After soldering, allow at least 3 minutes for
LEDs to cool back to normal temperature. Do not apply any
pressure to the epoxy encapsulation or the lead frame during the
soldering process.
2. When reflow soldering or wave soldering, please solder once for
less than 5 seconds at a maximum temperature of 260°C. During the
soldering process, if the temperature or timing is not controlled
within limits, it would cause the epoxy to deform or cause the die or
wires within the LED to be damaged.
WAVE SOLDERING PROFILE FOR LEAD FREE PROCESS:


Similar Part No. - QBED8145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBED8120 ETC1-QBED8120 Datasheet
501Kb / 7P
   5mm IR Lamp
QBED8120A ETC2-QBED8120A Datasheet
582Kb / 6P
   5mm IR emitter
QBED8130 ETC2-QBED8130 Datasheet
582Kb / 6P
   5mm IR emitter
QBED8160 ETC2-QBED8160 Datasheet
507Kb / 7P
   5mm IR Lamp
QBED8160 ETC1-QBED8160 Datasheet
505Kb / 7P
   5mm IR Lamp LED
More results

Similar Description - QBED8145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBED8240 ETC1-QBED8240 Datasheet
620Kb / 7P
   5mm IR emitter
QBED8220A ETC2-QBED8220A Datasheet
406Kb / 7P
   5mm IR emitter
QBED8220 ETC2-QBED8220 Datasheet
406Kb / 7P
   5mm IR emitter
QBED8240 ETC2-QBED8240 Datasheet
620Kb / 7P
   5mm IR emitter
QBED8330 ETC2-QBED8330 Datasheet
562Kb / 8P
   5mm IR emitter
QBED9330 ETC2-QBED9330 Datasheet
508Kb / 7P
   5mm IR emitter
QBED8120A ETC2-QBED8120A Datasheet
582Kb / 6P
   5mm IR emitter
QBED8130 ETC2-QBED8130 Datasheet
582Kb / 6P
   5mm IR emitter
QBED8325 ETC2-QBED8325 Datasheet
569Kb / 8P
   5mm IR emitter
logo
Marktech Corporate
MTE4094L MARKTECH-MTE4094L Datasheet
66Kb / 2P
   5mm Metal Can IR Emitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com