Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2008B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # U2008B
Description  Low-cost Phase-control IC with Soft Start
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2008B Datasheet(HTML) 3 Page - ATMEL Corporation

  U2008B Datasheet HTML 1Page - ATMEL Corporation U2008B Datasheet HTML 2Page - ATMEL Corporation U2008B Datasheet HTML 3Page - ATMEL Corporation U2008B Datasheet HTML 4Page - ATMEL Corporation U2008B Datasheet HTML 5Page - ATMEL Corporation U2008B Datasheet HTML 6Page - ATMEL Corporation U2008B Datasheet HTML 7Page - ATMEL Corporation U2008B Datasheet HTML 8Page - ATMEL Corporation U2008B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
4712B–AUTO–10/05
U2008B
2.
Pin Configuration
Figure 2-1.
Pinning
2.1
Mains Supply, Pin 5
The integrated circuit U2008B, which also contains voltage limiting, can be connected via D
1 and
R
1 to the mains supply, see Figure 1-2 on page 2. Supply voltage, between Pin 4 (pos., ⊥) and
Pin 5, is smoothed by C
1.
The series resistance R1 can be calculated as follows:
where:
Operation with externally stabilized DC voltage is not recommended.
1
2
3
4
8
7
6
5
ISENSE
C
ϕ
CONTROL
GND
OUTPUT
VSYNC
R
ϕ
- VS
U2008B
Table 2-1.
Pin Description
Pin
Symbol
Function
1
ISENSE
Load current sensing
2C
ϕ
Ramp voltage
3
CONTROL
Control input/compensation output
4
GND
Ground
5
-VS
Supply voltage
6R
ϕ
Ramp current adjustment
7
VSYNC
Voltage synchronization
8
OUTPUT
Trigger output
V
M
= Mains voltage
V
Smax
= Maximum supply voltage
I
tot
= I
Smax + Ix = Total current compensation
I
Smax
= Maximum current consumption of the IC
I
x
= Current consumption of the external components
R
1max
0.85
V
M
V
Smax
2I
tot
×
------------------------------
×
=


Similar Part No. - U2008B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2008B TEMIC-U2008B Datasheet
122Kb / 10P
   Low Cost Current Feedback Phase Control Circuit
logo
ATMEL Corporation
U2008B ATMEL-U2008B Datasheet
70Kb / 10P
   Low-Cost Phase-Control IC with Soft Start
logo
List of Unclassifed Man...
U2008B ETC1-U2008B Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
ATMEL Corporation
U2008B-M ATMEL-U2008B-M Datasheet
70Kb / 10P
   Low-Cost Phase-Control IC with Soft Start
U2008B-MFP ATMEL-U2008B-MFP Datasheet
70Kb / 10P
   Low-Cost Phase-Control IC with Soft Start
More results

Similar Description - U2008B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2008B ATMEL-U2008B Datasheet
70Kb / 10P
   Low-Cost Phase-Control IC with Soft Start
U2008B-MY ATMEL-U2008B-MY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2010B-MY ATMEL-U2010B-MY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2008B ATMEL-U2008B_07 Datasheet
341Kb / 13P
   Low-cost Phase-control IC with Soft Start
logo
Skyworks Solutions Inc.
AAT2120 SKYWORKS-AAT2120 Datasheet
1Mb / 19P
   Soft-Start Control
logo
International Rectifier
IR1110 IRF-IR1110 Datasheet
227Kb / 32P
   SOFT START CONTROLLER IC
logo
Orister Corporation
RS2051 ORISTER-RS2051 Datasheet
525Kb / 13P
   Novel Low Cost Green-Mode PWM Controller with Soft Start & Mode
logo
IC MICROSYSTEMS
ICM7115 ICMIC-ICM7115 Datasheet
344Kb / 12P
   LOW COST SINGLE CHIP TELEPHONE IC WITH VOLUME CONTROL
logo
Unisonic Technologies
L1806G-SH2-R UTC-L1806G-SH2-R Datasheet
241Kb / 7P
   With internal Soft-Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com